Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87366-XXX/VLA Datasheet(PDF) 235 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 235 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 231Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 232Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 233Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 234Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 235Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 236Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 237Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 238Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 239Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 240 page
background image
14.0 Device Characteristics (Continued)
235
www.national.com
14.5.5
Serial Port, Sharp-IR, SIR and Consumer Remote Control Timing
Symbol
Parameter
Conditions
Min
Max
Unit
tBT
Single Bit Time in Serial Port and Sharp-IR
Transmitter
tBTN − 25
Note 1.
Note 1. tBTN is the nominal bit time in Serial Port, Sharp-IR, SIR and Consumer Remote Control modes. It is
determined by the setting of the Baud Generator Divisor registers
tBTN +25
ns
Receiver
tBTN − 2%
tBTN +2%
ns
tCMW
Modulation Signal Pulse Width in Sharp-IR
and Consumer Remote Control
Transmitter
tCWN − 25
Note 2.
Note 2. tCWN is the nominal pulse width of the modulation signal for Sharp-IR and Consumer Remote Control
modes. It is determined by the MCPW field (bits 7-5) of the IRTXMC registerand the TXHSC bit (bit 2) of
the RCCFG register
tCWN +25
ns
Receiver
500
ns
tCMP
Modulation Signal Period in Sharp-IR and
Consumer Remote Control
Transmitter
tCPN − 25
Note 3.
Note 3. tCPN is the nominal period of the modulation signal for Sharp-IR and Consumer Remote Control modes. It
is determined by the MCFR field (bits 4-0) of the IRTXMC registerand the TXHSC bit (bit 2) of the RCCFG
register.
tCPN +25
ns
Receiver
tMMIN
Note 4.
Note 4. tMMIN and tMMAX define the time range within which the period of the incoming subcarrier signal has to fall
in order for the signal to be accepted by the receiver. These time values are determined by the contents of
the IRRXDC register and the setting of the RXHSC bit (bit 5) of the RCCFG register
tMMAX
Note 4.
ns
tSPW
SIR Signal Pulse Width
Transmitter,
Variable
(3/16)xtBTN − 15
Note 1.
(3/16)xtBTN + 15
Note 1.
ns
Transmitter,
Fixed
1.48
1.78
µs
Receiver
1
µs
SDRT
SIR Data Rate Tolerance.
% of Nominal Data Rate.
Transmitter
± 0.87%
Receiver
± 2.0%
tSJT
SIR Leading Edge Jitter.
% of Nominal Bit Duration.
Transmitter
± 2.5%
Receiver
± 6.5%
Serial Port
tCMW
tCMP
Sharp-IR
Consumer Remote Control
tBT
SIR
tSPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com