Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87366-XXX/VLA Datasheet(PDF) 238 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 238 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 232Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 233Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 234Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 235Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 236Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 237Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 238Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 239Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 240Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 238 / 240 page
background image
14.0 Device Characteristics (Continued)
238
www.national.com
14.5.10 Standard Parallel Port Timing
Typical Data Exchange
14.5.11 Enhanced Parallel Port Timing
Symbol
Parameter
Conditions
Typ
Max
Unit
tPDH
Port Data Hold
These times are system dependent
and are therefore not tested.
500
ns
tPDS
Port Data Setup
These times are system dependent
and are therefore not tested.
500
ns
tSW
Strobe Width
These times are system dependent
and are therefore not tested.
500
ns
Symbol
Parameter
Min
Max
EPP 1.7 EPP 1.9
Unit
tWW19a
WRITE Active from WAIT Low
45
ns
tWW19ia
WRITE Inactive from WAIT Low
45
ns
tWST19a
DSTRB or ASTRB Active from WAIT Low
65
ns
tWEST
DSTRB or ASTRB Active after WRITE Active
10
ns
tWPDH
PD7-0 Hold after WRITE Inactive
0
ns
tWPDS
PD7-0 Valid after WRITE Active
15
ns
tEPDW
PD7-0 Valid Width
80
ns
tEPDH
PD7-0 Hold after DSTRB or ASTRB Inactive
0
ns
tPDS
tPDH
tSW
BUSY
ACK
PD7-0
STB
WRITE
DSTRB
ASTRB
PD7-0
WAIT
Valid
tWW19ia
tWPDH
tEPDH
tEPDW
or
tWW19a
tWST19a
tWPDS
tWEST
tWST19a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com