Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87366-XXX/VLA Datasheet(PDF) 233 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 233 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 229Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 230Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 231Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 232Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 233Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 234Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 235Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 236Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 237Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 240 page
background image
14.0 Device Characteristics (Continued)
233
www.national.com
14.5.3
LCLK and LRESET
Symbol
Parameter
Min
Max
Units
tCYC
Note 1.
Note 1. The PCI may have any clock frequency between nominal DC and
33 MHz. Device operational parameters at frequencies under 16
MHz may be guaranteed by design rather than by testing. The clock
frequency may be changed at any time during the operation of the
system as long as the clock edges remain “clean” (monotonic) and
the minimum cycle and high and low times are not violated. The
clock may only be stopped in a low state.
LCLK Cycle Time
30
ns
tHIGH
LCLK High Time
11
ns
tLOW
LCLK Low Time
11
ns
-
LCLK Slew RateNote 2.
Note 2. Rise and fall times are specified in terms of the edge rate measured
in V/ns. This slew rate must be met across the minimum peak-to-
peak portion of the clock wavering as shown below.
1
4
V/ns
-
LRESET Slew RateNote 3.
Note 3. The minimum LRESET slew rate applies only to the rising (de-
assertion) edge of the reset signal, and ensures that system noise
cannot render an otherwise a monotonic signal to appear to bounce
in the switching range.
50
mV/ns
0.6 VDD
0.2 VDD
0.5 VDD
0.4 VDD
0.3 VDD
0.4 VDD p-to-p
(minimum)
tHIGH
tLOW
3.3 V Clock
tCYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com