Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87366-XXX/VLA Datasheet(PDF) 229 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 229 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 225Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 226Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 227Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 228Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 229Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 230Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 231Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 232Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 233Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 240 page
background image
14.0 Device Characteristics (Continued)
229
www.national.com
14.2.12 Input, Analog
Symbol: INAN3
Input, analog to TMS.
14.2.13 Output, Analog
Symbol: OAN1
Output, analog to reference voltage.
14.2.14 Output, Analog
Symbol: OAN2
Output, analog to TMS.
14.2.15 Exceptions
1. All pins are back-drive protected, except for the output pins with PCI Buffer Type.
2. The following pins have a static pull-up resistor and therefore may have input leakage current (when VIN =VSS) of about
(-)160
µA: ACK, AFD_DSTRB, ERR, GPIO40-47, GPIO30-34, GPIO20-27, GPIO16-17, GPIO10-14, GPIO00-07, INIT,
P12, P16, P17, PE, SLIN_ASTRB, STB_WRITE
3. The following pins have a static pull-down resistor and therefore may have input leakage current (when VIN =VDD)of
about 130
µA: BUSY_WAIT, PE, SLCT
4. Output from SLCT, BUSY_WAIT (and PE if bit 2 of PP Confg0 Register is “0”) is open-drain in all SPP modes, except in
SPP Compatible mode when the setup mode is ECP-based FIFO and bit 4 of the Control2 parallel port register is 1.
Otherwise, output from these signals is level 2. External 4.7 KW pull-up resistors should be used.
5. Output from ACK, ERR (and PE if bit 2 of PP Confg0 Register is set to 1) is open-drain in all SPP modes, except in SPP
Compatible mode when the setup mode is ECP-based FIFO and bit 4 of the Control2 parallel port register is set to 1.
Otherwise, output from these signals is level 2. External 4.7 KW pull-up resistors should be used.
6. Output from STB, AFD, INIT, SLIN is open-drain in all SPP modes, except in SPP Compatible mode when the setup
mode is ECP-based (FIFO). Otherwise, output from these signals is level 2. External 4.7 K
Ω pull-up resistors should be
used.
7. Output from PD7-0 is open-drain in all SPP modes, except in SPP Compatible mode when the setup mode is ECP-based
(FIFO) and bit 4 of the Control2 parallel port register is 1. Otherwise, output from these signals is Level 2. External 4.7
K
Ω pull-up resistors should be used.
8. IOH is valid for a GPIO pin only when it is not configured as open-drain.
9. P12, P16 and P17 are driven high for about 100 ns after a low-to-high transition, during which it is capable of sourcing
2 mA.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDN
D- Source Voltage
0.7
V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFE
External Reference Voltage
1.233
1.235
1.237
V
RVREFE V
REF Input DC resistance
Note 1.
Note 1. Valid only for external VREF; value changes during the conversion.
536
K
Ω
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDPH
Diode Source Current
D+ = D- + 0.65V; High
Level
80
120
µA
IDPL
Low Level
8
12
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com