Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5721 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 17Page - Texas Instruments TAS5721 Datasheet HTML 18Page - Texas Instruments TAS5721 Datasheet HTML 19Page - Texas Instruments TAS5721 Datasheet HTML 20Page - Texas Instruments TAS5721 Datasheet HTML 21Page - Texas Instruments TAS5721 Datasheet HTML 22Page - Texas Instruments TAS5721 Datasheet HTML 23Page - Texas Instruments TAS5721 Datasheet HTML 24Page - Texas Instruments TAS5721 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
Digital Audio
Processor
(DAP)
I C Control Port
2
Internal Register/State Machine Interface
Stereo Headphone
Amplifier
PVDD
DVDD
MCLK Monitoring
and Watchdog
Charge Pump
AVDD
PDN
RST
SPK_OUTA
SPK_OUTD
SDIN
MCLK
SCLK
LRCLK
DR_INA
DR_INB
DR_VSS
DR_OUTA
DR_OUTB
TAS5721
SCL
SDA
Serial Audio Port
(SAP)
Sample Rate
Auto-Detect
PLL
Open Loop 4 Channel
PWM Amplifier
Sensing and
Protection
Temperature
Short Circuits
PVDD Voltage
Output Current
Fault Notification
SPK_OUTB
SPK_OUTC
Sample Rate
Converter
(SRC)
Digital to PWM
Converter
(DPC)
Click and Pop
Suppression
3 Ch. PWM
Modulator
Noise Shaping
Power-On Reset
(POR)
Internal Voltage Supplies
Internal Regulation and Power Distribution
DR_CP
DR_CN
DRVDD
DRVDD
DRVDD
21
TAS5721
www.ti.com
SLOS739A – JULY 2012 – REVISED MARCH 2016
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TAS5721 device is an efficient stereo I2S input Class-D audio power amplifier with a digital audio processor
and a DirectPath headphone/line driver.
The digital audio processor of the device uses noise shaping and customized correction algorithms to achieve a
great power efficiency and high audio performance. Also, the device has up to eight Equalizers per channel and
two -band configurable Dynamic Range Control (DRC).
The device needs only a single DVDD supply in addition to the higher-voltage PVDD power supply. An internal
voltage regulator provides suitable voltage levels for the gate drive circuit. The wide PVDD power supply range of
the device enables its use in a multitude of applications.
The device has an integrated DirectPath headphone amplifier / line driver to increase system level integration
and reduce total solution costs. DirectPath architecture eliminates the requirement for external dc-blocking output
capacitors.
The TAS5721 device is a slave-only device that is controlled by a bidirectional I2C interface that supports both
100-kHz and 400-kHz data transfer rates for single- and multiple-byte write and read operations. This control
interface is used to program the registers of the device and read the device status. The PWM of this device
operates with a carrier frequency between 384 kHz and 354 kHz, depending the sampling rate. This device
allows the use of the same clock signal for both MCLK and BCLK (64xFs) when using a sampling frequency of
44.1 kHz or 48 kHz.
This device can be used in three different modes of operation, Stereo BTL Mode, Single Filter PBTL Mono Mode,
and 2.1 Mode.
9.2 Functional Block Diagram
Figure 48. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com