Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5721 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 32Page - Texas Instruments TAS5721 Datasheet HTML 33Page - Texas Instruments TAS5721 Datasheet HTML 34Page - Texas Instruments TAS5721 Datasheet HTML 35Page - Texas Instruments TAS5721 Datasheet HTML 36Page - Texas Instruments TAS5721 Datasheet HTML 37Page - Texas Instruments TAS5721 Datasheet HTML 38Page - Texas Instruments TAS5721 Datasheet HTML 39Page - Texas Instruments TAS5721 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
7-BitSlave Address
R/
W
8-BitRegister Address(N)
A
8-BitRegisterDataFor
Address(N)
Start
Stop
SDA
SCL
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
A
8-BitRegisterDataFor
Address(N)
A
A
T0035-01
CH1_audio
CH2_audio
PWM1
PWM2
OFF3
OFF4
B0488-01
D (Off)
B (Off)
C (R–)
–
–
A (L+)
+
+
CH1_audio
PWM1
PWM3
OFF2
OFF4
B0488-02
–
+
D (Off)
B (Off)
C (L–)
A (L+)
36
TAS5721
SLOS739A – JULY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
Table 1. Output Configuration Quick Reference (continued)
OUTPUT
CONFIGURATION
MODULATION MODE
REGISTER SETTINGS
BLOCK DIAGRAM
1.0 Mono PBTL
AD
0x05[7] = 0
0x05[5] = 0
0x05[2] = 0
0x19[7:0] = 0x3A
0x1A[7:0] = 0x0F
0x20[23] = 0
0x20[15:12] = 0x7
0x25[23:8] = 0x0123
BD
0x05[7] = 0
0x05[5] = 0
0x05[2] = 0
0x19[7:0] = 0x3A
0x1A[7:0] = 0x0A
0x20[23] = 1
0x20[15:12] = 0x7
0x25[23:8] = 0x0123
9.5 Programming
9.5.1 General I2C Operation
The I2C bus employs two signals to communicate between integrated circuits in a system: (data) SDA and (clock)
SCL. Data is transferred on the bus serially one bit at a time. The address and data can be transferred in byte (8-
bit) format, with the most significant bit (MSB) transferred first. In addition, each byte transferred on the bus is
acknowledged by the receiving device with an acknowledge bit. Each transfer operation begins with the master
device driving a start condition on the bus and ends with the master device driving a stop condition on the bus.
The bus uses transitions on the data pin (SDA) while the clock is high to indicate start and stop conditions. A
high-to-low transition on SDA indicates a start and a low-to-high transition indicates a stop. Normal data bit
transitions must occur within the low time of the clock period. These conditions are shown in Figure 67. The
master generates the 7-bit slave address and the read/write (R/W) bit to open communication with another
device and then waits for an acknowledge condition. The TAS5721 holds SDA low during the acknowledge clock
period to indicate an acknowledgment. When this occurs, the master transmits the next byte of the sequence.
Each device is addressed by a unique 7-bit slave address plus R/W bit (1 byte). All compatible devices share the
same signals through a bidirectional bus using a wired-AND connection. An external pullup resistor must be used
for the SDA and SCL signals to set the high level for the bus.
Figure 67. Typical I2C Sequence
There is no limit on the number of bytes that can be transmitted between start and stop conditions. When the last
word transfers, the master generates a stop condition to release the bus. A generic data transfer sequence is
shown in Figure 67.
Pin ADR/FAULT defines the I2C device address. An external 15-k
Ω pull down on this pin gives a device address
of 0x34 and a 15-k
Ω pull up gives a device address of 0x36. The 7-bit address is 0011011 (0x36) or 0011010
(0x34).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com