Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5721 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 63Page - Texas Instruments TAS5721 Datasheet HTML 64Page - Texas Instruments TAS5721 Datasheet HTML 65Page - Texas Instruments TAS5721 Datasheet HTML 66Page - Texas Instruments TAS5721 Datasheet HTML 67Page - Texas Instruments TAS5721 Datasheet HTML 68Page - Texas Instruments TAS5721 Datasheet HTML 69Page - Texas Instruments TAS5721 Datasheet HTML 70Page - Texas Instruments TAS5721 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
220 µfd/35 V
M
C8
+
0.1 µfd/50 V
0402 X7R
C9
220 µfd/35 V
M
C31
+
0.1 µfd/50 V
0402 X7R
C32
0.1 µfd/16 V
0402 X7R
C19
4.7 µfd/6.3 V
0402 X5R
C20
1 µfd/10 V
0402 X5R
C13
HTSSOP48-DCA
U1
PowerPAD
18
0603
R13
330 pfd/50 V
0402 COG
C27
18
0603
R14
330 pfd/50 V
0402 COG
C28
18
0603
R15
330 pfd/50 V
0402 COG
C29
18
0603
R16
330 pfd/50 V
0402 COG
C30
10 µfd/6.3 V
0603 X5R
C12
10 µfd/6.3 V
0603 X5R
C18
AVDD
AVDD
15K
0402 1/16W
R19
220 µfd/35 V
M
C43
+
0.33 µfd/50 V
0805 X7R
C35
15 µH/3.5 A
A7503AY
L1
15 µH/3.5 A
A7503AY
L2
15K
0402 1/16W
R20
220 µfd/35 V
M
C44
+
15 µH/3.5 A
A7503AY
L3
15 µH/3.5 A
A7503AY
L4
0.33 µfd/50 V
0805 X7R
C36
15K
0402 1/16W
R17
220 µfd/35 V
M
C41
+
15K
0402 1/16W
R18
220 µfd/35 V
M
C42
+
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
PVDD
PVDD
PVDD
PVDD
PVDD
PVDD
GND
C7
0402 X7R
0.033 µfd/50 V
GND
C15
0402 X7R
4700 pfd/25 V
R7
0402
470
C14
0402 X7R
0.047 µfd/16 V
GND
GND
470
0402
R8
0.047 µfd/16 V
0402 X7R
C16
4700 pfd/25 V
0402 X7R
C17
GND
C21
0402 X7R
0.033 µfd/50 V
0.033 µfd/50 V
0402 X7R
C22
C34
0402 X7R
0.1 µfd/16 V
C33
0603 X5R
10 µfd/6.3 V
GND
GND
DVDD
C26
0402 X7R
0.1 µfd/16 V
C23
0402 X7R
0.033 µfd/50 V
C25
0402 X7R
2200 pfd/50 V
GND
C24
0603 X5R
1 µfd/25 V
GND
C10
0402 X5R
1 µfd/10 V
1 µfd/10 V
0402 X5R
C11
R9
0402
18.20K
PWM2
PWM1
HTSSOP48-DCA
U1
TAS5723DCA
14
13
NC
AVDD2
FLTM
GND
15
16
18
17
FLTP
AVDD_REG1
DVDD_REG
GND
23
24
22
21
MCLK
ROSC
ADR
AVDD
19
20
8
7
NC
NC
NC
NC
9
10
12
11
NC
NC
5
6
4
3
BSTA
PVDD
SPK_OUTA
GND
1
2
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
SDA
SCL
SDIN1
SCLK
LRCLK
NC
TEST
DVDD
GND
GND
PVDD
BSTD
GVDD_REG
AVDD_REG2
SSTIMER
GND
SPK_OUTD
SPK_OUTC
BSTC
SPK_OUTB
BSTB
C37
0805 X7R
0.33 µfd/50 V
GND
0.33 µfd/50 V
0805 X7R
C38
GND
C39
0805 X7R
0.33 µfd/50 V
0.33 µfd/50 V
0805 X7R
C40
STUFF OPTION NOTE
GROUND REFERENCED CAPS
REQUIRED IF BD MODULATION
IS USED
STUFF
OPTION
STUFF OPTION
SPLIT CAP
OUTPUTS
System Processor
and
Associated Components
PDN
RST
TEST
TAS5721
www.ti.com
SLOS739A – JULY 2012 – REVISED MARCH 2016
67
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
System Examples (continued)
Figure 81. 2.1 System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com