Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5721 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 4Page - Texas Instruments TAS5721 Datasheet HTML 5Page - Texas Instruments TAS5721 Datasheet HTML 6Page - Texas Instruments TAS5721 Datasheet HTML 7Page - Texas Instruments TAS5721 Datasheet HTML 8Page - Texas Instruments TAS5721 Datasheet HTML 9Page - Texas Instruments TAS5721 Datasheet HTML 10Page - Texas Instruments TAS5721 Datasheet HTML 11Page - Texas Instruments TAS5721 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
8
TAS5721
SLOS739A – JULY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
For clocks related to the serial audio port, please see Serial Audio Port Timing
7.6 Master Clock Characteristics
(1)
PVDD = 18 V, AVDD = DRVDD = DVDD = 3.3 V, external components per Typical Application diagrams, and in accordance
with recommended operating conditions (unless otherwise specified).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fMCLK
MCLK frequency
2.8224
24.576
MHz
MCLK duty cycle
40%
50%
60%
tr(MCLK) / tf(MCLK)
Rise/fall time for MCLK
5
ns
(1)
Power levels are thermally limited.
(2)
SNR is calculated relative to 0-dBFS input level.
7.7 Speaker Amplifier Characteristics
TA = 25°C, PVDD = 18 V, AVDD = DRVDD = DVDD = 3.3 V, audio input signal =1 kHz sine wave, BTL, AD mode, fS = 48
kHz, RSPK = 8 Ω, AES17 filter, fPWM = 384 kHz, external components per Typical Application diagrams, and in accordance with
recommended operating conditions (unless otherwise specified).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PoSPK
(BTL)
Power output per channel of
speaker amplifier when used in
BTL mode (1)
PVDD = 18 V, RSPK = 8Ω, 1-kHz input signal
10
W
PVDD = 12 V, RSPK = 8Ω, 10% THD+N, 1-kHz
input signal
8.8
PVDD = 12 V, RSPK = 8Ω, 7% THD+N, 1-kHz input
signal
8.3
PVDD = 8 V, RSPK = 8Ω, 10% THD+N, 1-kHz input
signal
4
PVDD = 8 V, RSPK = 8Ω, 7% THD+N, 1-kHz input
signal
3.8
PoSPK
(PBTL)
Power output per channel of
speaker amplifier when used in
PBTL mode (1)
PVDD = 12 V, RSPK = 4Ω,
10% THD+N, 1-kHz input signal
10
W
PVDD = 12 V, RSPK = 4Ω,
7% THD+N, 1-kHz input signal
10
PVDD = 18 V, RSPK = 4Ω,
1-kHz input signal
10
PoSPK
(SE)
Power output per channel of
speaker amplifier when used in
SE mode (1)
PVDD = 12 V, RSPK = 4 Ω,
10% THD+N, 1-kHz input signal
4.3
W
PVDD = 24 V, RSPK = 4 Ω,
10% THD+N, 1-kHz input signal
5.5
THD+N
Total harmonic distortion +
noise
PVDD = 18 V, PO = 1 W
0.07%
PVDD = 12 V, PO = 1 W
0.11%
PVDD = 8 V, PO = 1 W
0.2%
ICN
Idle channel noise
A-weighted
61
μV
Crosstalk
PO = 1 W, f = 1 kHz (BD Mode), PVDD = 24 V
58
dB
PO =1 W, f = 1 kHz (AD Mode), PVDD = 24 V
48
dB
SNR
Signal-to-noise ratio(2)
A-weighted, f = 1 kHz, maximum power at THD <
1%
106
dB
fPWM
Output switching frequency
11.025/22.05/44.1-kHz data rate ±2%
352.8
kHz
48/24/12/8/16/32-kHz data rate ±2%
384
IPVDD
Supply current
No load (PVDD)
Normal mode
32
50
mA
Reset (RST = low, PDN =
high)
5
8
rDS(on)
Drain-to-source resistance (for
each of the Low-Side and High-
Side Devices)
TJ = 25°C, includes metallization resistance
200
m
Ω
RPD
Internal pulldown resistor at the
output of each half-bridge
Connected when drivers are in the high-impedance
state to provide bootstrap capacitor charge.
3
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com