Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL12N65M5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL12N65M5
Description  Very low intrinsic capacitance
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL12N65M5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL12N65M5 Datasheet HTML 2Page - STMicroelectronics STL12N65M5 Datasheet HTML 3Page - STMicroelectronics STL12N65M5 Datasheet HTML 4Page - STMicroelectronics STL12N65M5 Datasheet HTML 5Page - STMicroelectronics STL12N65M5 Datasheet HTML 6Page - STMicroelectronics STL12N65M5 Datasheet HTML 7Page - STMicroelectronics STL12N65M5 Datasheet HTML 8Page - STMicroelectronics STL12N65M5 Datasheet HTML 9Page - STMicroelectronics STL12N65M5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STL12N65M5
6/17
DocID17450 Rev 4
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Static drain-source on-resistance
Figure 7. Gate charge vs gate-source voltage
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
Operation
in
this
ar
ea
is
Limit
ed
b
y max
R
DS(on)
10ms
10 µs
0.01
Tj=150°C
Tc=25°C
Single pulse
100 µs
1ms
100
AM15896v1
Single pulse
0.05
0.02
0.01
δ=0.5
0.1
0.2
K
10
tp(s)
-5
10
-4
10
-3
10
10
-2
10
-1
10
-6
10
-3
10
-2
-1
10
ZthPowerFlat_5x6_19
ID
6
4
2
0
0
10
VDS(V)
20
(A)
5
15
25
VGS=9, 10V
8
6V
7V
8V
10
12
14
16
AM15897v1
ID
6
4
2
0
3
5
VDS(V)
7
(A)
4
6
8
VDS=25V
9
8
10
12
14
16
AM15898v1
RDS(on)
0.475
0.45
0.425
0.4
0
7
ID(A)
(
Ω)
3
0.5
0.525
2
5
8
1
46
0.55
0.575
VGS=10 V
AM15899v1
VGS
6
4
2
0
0
5
Qg(nC)
(V)
20
8
10
15
10
VDD=520V
ID=4.5A
12
300
200
100
0
400
500
VDS
VDS
(V)
AM15900v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com