Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL12N65M5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL12N65M5
Description  Very low intrinsic capacitance
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL12N65M5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL12N65M5 Datasheet HTML 3Page - STMicroelectronics STL12N65M5 Datasheet HTML 4Page - STMicroelectronics STL12N65M5 Datasheet HTML 5Page - STMicroelectronics STL12N65M5 Datasheet HTML 6Page - STMicroelectronics STL12N65M5 Datasheet HTML 7Page - STMicroelectronics STL12N65M5 Datasheet HTML 8Page - STMicroelectronics STL12N65M5 Datasheet HTML 9Page - STMicroelectronics STL12N65M5 Datasheet HTML 10Page - STMicroelectronics STL12N65M5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DocID17450 Rev 4
7/17
STL12N65M5
Electrical characteristics
Figure 8. Capacitance variations
Figure 9. Output capacitance stored energy
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
Figure 13. Normalized VDS vs temperature
C
1000
100
10
1
0.1
1
VDS(V)
(pF)
10
Ciss
Coss
Crss
100
AM15903v1
Eoss
1
0.5
0
0
100
VDS(V)
(μJ)
400
1.5
200
300
2
2.5
500
600
3
3.5
AM15901v1
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100
ID = 250 μA
VDS = VGS
AM05459v1
RDS(on)
1.7
1.3
0.9
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.7
1.1
1.5
1.9
2.1
VGS= 10V
ID= 4.25 A
AM05460v1
VSD
0
20
ISD(A)
(V)
10
50
30
40
0
0.2
0.4
0.6
0.8
1.0
1.2
TJ=-50°C
TJ=150°C
TJ=25°C
AM05461v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com