Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL100N10F7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL100N10F7
Description  N-channel 100 V, 0.0062 Ω typ., 19 A, STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL100N10F7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL100N10F7 Datasheet HTML 2Page - STMicroelectronics STL100N10F7 Datasheet HTML 3Page - STMicroelectronics STL100N10F7 Datasheet HTML 4Page - STMicroelectronics STL100N10F7 Datasheet HTML 5Page - STMicroelectronics STL100N10F7 Datasheet HTML 6Page - STMicroelectronics STL100N10F7 Datasheet HTML 7Page - STMicroelectronics STL100N10F7 Datasheet HTML 8Page - STMicroelectronics STL100N10F7 Datasheet HTML 9Page - STMicroelectronics STL100N10F7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STL100N10F7
6/16
DocID023656 Rev 4
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
10
1
0.1
0.01
0.1
1
VDS(V)
10
(A)
Operation
in
this
area
is
Limited
by
max
R
DS(on)
100ms
1s
10ms
Tj=175°C
Tc=25°C
Single
pulse
100
AM15617v1
-pcb
ID
150
100
50
0
0
2
VDS(V)
4
(A)
1
3
200
250
VGS= 5 V
VGS= 6 V
VGS= 7 V
VGS=8 V
VGS=9 V
VGS=10 V
300
AM15623v1
ID
150
100
50
0
2
VGS(V)
(A)
4
6
8
200
250
10
VDS= 5 V
300
AM15618v1
VGS
6
4
2
0
0
20
Qg(nC)
(V)
8
40
60
10
VDD=50V
ID=100A
12
AM15624v1
RDS(on)
6
4
2
0
0
40
ID(A)
(m
Ω)
20
60
8
10
VGS=10V
80
100
12
AM15621v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com