Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL100N10F7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL100N10F7
Description  N-channel 100 V, 0.0062 Ω typ., 19 A, STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL100N10F7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL100N10F7 Datasheet HTML 3Page - STMicroelectronics STL100N10F7 Datasheet HTML 4Page - STMicroelectronics STL100N10F7 Datasheet HTML 5Page - STMicroelectronics STL100N10F7 Datasheet HTML 6Page - STMicroelectronics STL100N10F7 Datasheet HTML 7Page - STMicroelectronics STL100N10F7 Datasheet HTML 8Page - STMicroelectronics STL100N10F7 Datasheet HTML 9Page - STMicroelectronics STL100N10F7 Datasheet HTML 10Page - STMicroelectronics STL100N10F7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID023656 Rev 4
7/16
STL100N10F7
Electrical characteristics
Figure 8. Capacitance variations
Figure 9. Normalized BVDSS vs temperature
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
C
3000
2000
1000
0
0
40
VDS(V)
(pF)
20
4000
60
Ciss
Coss
Crss
80
5000
AM15625v1
VDS
-55
-5
TJ(°C)
(norm)
-30
70
20
45
95
0.94
0.96
0.98
1
1.02
1.04
ID = 1mA
120
AM15619v1
VGS(th)
0.75
0.7
0.65
0.6
-55
-5
TJ(°C)
(norm)
-30
70
20 45
95
ID = 250 µA
120
0.8
0.85
0.9
0.95
1
AM15622v1
RDS(on)
1.9
1.3
0.9
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.7
1.1
1.5
1.7
2.1
AM06484v2
ID=50 A
VSD
0
40
ISD(A)
(V)
20
100
60
80
0.5
0.6
0.7
0.8
0.9
1
1.1
TJ=-50°C
TJ=150°C
TJ=25°C
AM15620v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com