Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL100N10F7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL100N10F7
Description  N-channel 100 V, 0.0062 Ω typ., 19 A, STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL100N10F7 Datasheet(HTML) 3 Page - STMicroelectronics

  STL100N10F7 Datasheet HTML 1Page - STMicroelectronics STL100N10F7 Datasheet HTML 2Page - STMicroelectronics STL100N10F7 Datasheet HTML 3Page - STMicroelectronics STL100N10F7 Datasheet HTML 4Page - STMicroelectronics STL100N10F7 Datasheet HTML 5Page - STMicroelectronics STL100N10F7 Datasheet HTML 6Page - STMicroelectronics STL100N10F7 Datasheet HTML 7Page - STMicroelectronics STL100N10F7 Datasheet HTML 8Page - STMicroelectronics STL100N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID023656 Rev 4
3/16
STL100N10F7
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
100
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
This value is rated according to Rthj-c.
Drain current (continuous) at TC = 25 °C
80
A
ID
(1)
Drain current (continuous) at TC = 100 °C
70
A
ID
(2)
2.
This value is rated according to Rthj-pcb.
Drain current (continuous) at Tpcb = 25 °C
19
A
ID
(2)
Drain current (continuous) at Tpcb=100 °C
13
A
IDM
(2)(3)
3.
Pulse width limited by safe operating area.
Drain current (pulsed)
76
A
PTOT
(1)
Total dissipation at TC = 25 °C
100
W
PTOT
(2)
Total dissipation at Tpcb = 25 °C
5
W
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
1.56
°C/W
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1inch², 2oz Cu, t < 10 sec
Thermal resistance junction-pcb
31
°C/W
Table 4. Avalanche data
Symbol
Parameter
Value
Unit
EAS
Single pulse avalanche energy
(TJ = 25 °C, L = 3.5 mH, IAS = 15 A, VDD = 50 V,
VGS = 10 V)
400
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com