Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP140N8F7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP140N8F7
Description  High avalanche ruggedness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP140N8F7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP140N8F7 Datasheet HTML 2Page - STMicroelectronics STP140N8F7 Datasheet HTML 3Page - STMicroelectronics STP140N8F7 Datasheet HTML 4Page - STMicroelectronics STP140N8F7 Datasheet HTML 5Page - STMicroelectronics STP140N8F7 Datasheet HTML 6Page - STMicroelectronics STP140N8F7 Datasheet HTML 7Page - STMicroelectronics STP140N8F7 Datasheet HTML 8Page - STMicroelectronics STP140N8F7 Datasheet HTML 9Page - STMicroelectronics STP140N8F7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STP140N8F7
6/13
DocID026822 Rev 2
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Normalized V(BR)DSS vs.
temperature
Figure 7: Static drain-source on resistance
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Operation in this area is
Limited by max RDS(on)
100µs
1ms
10ms
Tj=175°C
Tc=25°C
Sinlge
pulse
GIPD130920130848MT
K
tp(s)
Single pulse
10
-1
δ= 0.5
0.2
0.1
0.05
0.02
0.01
10
-2
10
-2
10
-3
10
-4
10
-5
10
-6
10
-7
10
-1
ID
50
0
0
2
VDS(V)
4
(A)
6
8
100
150
200
4V
6V
7V
VGS= 10V
5V
250
300
GIPD130920130919MT
ID
50
0
0
2
VGS(V)
4
(A)
VDS= 2V
6
8
100
150
200
1
3
5
7
300
9
250
V(BR)DSS
0.98
0.96
0.94
-75
TJ(°C)
25
0
75
125
-25
175
ID= 250µA
1
1.02
1.04
RDS(on)
3.51
3.50
3.49
3.48
20
ID(A)
VGS= 10V
3.52
30
40
50
60
70
80
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com