Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP140N8F7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP140N8F7
Description  High avalanche ruggedness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP140N8F7 Datasheet(HTML) 4 Page - STMicroelectronics

  STP140N8F7 Datasheet HTML 1Page - STMicroelectronics STP140N8F7 Datasheet HTML 2Page - STMicroelectronics STP140N8F7 Datasheet HTML 3Page - STMicroelectronics STP140N8F7 Datasheet HTML 4Page - STMicroelectronics STP140N8F7 Datasheet HTML 5Page - STMicroelectronics STP140N8F7 Datasheet HTML 6Page - STMicroelectronics STP140N8F7 Datasheet HTML 7Page - STMicroelectronics STP140N8F7 Datasheet HTML 8Page - STMicroelectronics STP140N8F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STP140N8F7
4/13
DocID026822 Rev 2
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4: On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0, ID = 250 µA
80
V
IDSS
Zero gate voltage
Drain current
VGS = 0, VDS = 80 V
1
µA
VGS = 0, VDS = 80 V, TJ=125
°C
10
µA
IGSS
Gate-source leakage
current
VDS = 0, VGS = ±20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2.5
4.5
V
RDS(on)
Static drain-source on-
resistance
VGS=10 V, ID = 45 A
3.5
4.3
mΩ
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS = 0, VDS = 40 V, f = 1
MHz
-
6340
-
pF
Coss
Output capacitance
-
1195
-
pF
Crss
Reverse transfer
capacitance
-
105
-
pF
Qg
Total gate charge
VDD = 40 V, ID = 64 A,
VGS = 10 V
-
96
-
nC
Qgs
Gate-source charge
-
30
-
nC
Qgd
Gate-drain charge
-
26
-
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay
time
VDD = 40 V, ID = 45 A RG
=4.7 Ω, VGS =
10 V
-
26
-
ns
tr
Rise time
-
51
-
ns
td(off)
Turn-off-delay
time
-
82
-
ns
tf
Fall time
-
44
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com