Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP140N8F7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP140N8F7
Description  High avalanche ruggedness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP140N8F7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP140N8F7 Datasheet HTML 3Page - STMicroelectronics STP140N8F7 Datasheet HTML 4Page - STMicroelectronics STP140N8F7 Datasheet HTML 5Page - STMicroelectronics STP140N8F7 Datasheet HTML 6Page - STMicroelectronics STP140N8F7 Datasheet HTML 7Page - STMicroelectronics STP140N8F7 Datasheet HTML 8Page - STMicroelectronics STP140N8F7 Datasheet HTML 9Page - STMicroelectronics STP140N8F7 Datasheet HTML 10Page - STMicroelectronics STP140N8F7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STP140N8F7
Electrical characteristics
DocID026822 Rev 2
7/13
VSD
0.6
20
ID(A)
50
40
60
TJ= -55°C
30
70
80
90
0.7
0.8
0.9
1
1.1
TJ= 25°C
TJ= 175°C
Figure 8: Gate charge vs. gate-source voltage
Figure 9: Capacitance variations
Figure 10: Normalized gate threshold voltage
vs. temperature
Figure 11: Normalized on resistance vs.
temperature
Figure 12: Source-drain diode forward characteristics
VGS
6
4
2
0
0
40
Qg(nC)
80
(V)
8
10
12
20
60
100
C
3000
2000
1000
0
0
20
VDS(V)
40
(pF)
Ciss
4000
10
30
50
Coss
Crss
60
70
5000
6000
7000
8000
VGS(th)
1
0.8
0.6
0.4
-75
TJ(°C)
25
1.2
0
75
125
-25
175
ID= 250µA
RDS(on)
0.8
0.6
0.4
-75
TJ(°C)
25
1.8
0
75
125
-25
175
VGS= 10V
1
1.2
1.4
1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com