| Electronic Components Datasheet Search |
|
TNETV6446AINZWT8 Datasheet(PDF) 46 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV6446AINZWT8 Datasheet(HTML) 46 Page - Texas Instruments |
|
46 / 227 page ![]() TMS320DM6446 SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010 www.ti.com Table 2-22. UART0, UART1, UART2 Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. UART2 CI7/ IPD This pin is multiplexed between the CCDC and UART2. CCD15/ N19 I/O/Z DVDD18 When used by UART2 it is the receive data input UART_RXD2. UART_RXD2 CI6/ IPD This pin is multiplexed between the CCDC and UART2. CCD14/ N18 I/O/Z DVDD18 In UART2 mode, it is the transmit data output UART_TXD2. UART_TXD2 CI5/ IPD This pin is multiplexed between the CCDC and UART2. CCD13/ N17 I/O/Z DVDD18 In UART2 mode, it is the clear to send input UART_CTS2. UART_CTS2 CI4/ IPD This pin is multiplexed between the CCDC and UART2. CCD12/ N16 I/O/Z DVDD18 In UART2 mode, it is the ready to send output UART_RTS2. UART_RTS2 UART1 DMACK/ This pin is multiplexed between ATA/CF and UART1. H3 I/O/Z DVDD18 UART_TXD1 For UART1, it is transmit data output UART_TXD1. DMARQ/ IPD This pin is multiplexed between ATA/CF and UART1. G1 I/O/Z UART_RXD1 DVDD18 For UART1, it is receive data input UART_RXD1. UART0 UART_RXD0/ This pin is multiplexed between UART0 and GPIO. D5 I/O/Z DVDD18 GPIO35 For UART0, it is receive data input UART_RXD0. UART_TXD0/ This pin is multiplexed between UART0 and GPIO. . C5 I/O/Z DVDD18 GPIO36 For UART0, it is transmit data output UART_TXD0. (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. (To pull up a signal to the opposite supply rail, a 1-k Ω resistor should be used.) (3) Specifies the operating I/O supply voltage for each signal Table 2-23. PWM0, PWM1, PWM2 Terminal Functions SIGNAL TYPE(1) OTHER(2) DESCRIPTION NAME NO. PWM2 PWM2/ This pin is multiplexed between PWM2, VPBE, and GPIO. B2/ A15 I/O/Z DVDD18 For PWM2, it is output PWM2. GPIO47 PWM1 PWM1/ This pin is multiplexed between PWM1, VPBE, and GPIO. R2/ B15 I/O/Z DVDD18 For PWM1, it is output PWM1. GPIO46 PWM0 PWM0/ This pin is multiplexed between PWM0 and GPIO. C15 I/O/Z DVDD18 GPIO45 For PWM0, it is output PWM0. (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) Specifies the operating I/O supply voltage for each signal 46 Device Overview Copyright © 2005–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM6446 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |