Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV6446AINZWT8 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 79Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 80Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 81Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 82Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 83Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 84Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 85Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 86Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
4
System Interconnect
On the DM6446 device, the C64x+ megamodule, the ARM subsystem, the EDMA3 transfer controllers,
and the system peripherals are interconnected through a switch fabric architecture (shown in Figure 4-1).
The switch fabric is composed of multiple switched central resources (SCRs) and multiple bridges. The
SCRs establish low-latency connectivity between master peripherals and slave peripherals. Additionally,
the SCRs provide priority-based arbitration and facilitate concurrent data movement between master and
slave peripherals. Through SCR, the ARM subsystem can send data to the DDR2 Memory Controller
without affecting a data transfer between the EMAC and L2 memory. Bridges are mainly used to perform
bus-width conversion as well as bus operating frequency conversion. For example, in Figure 4-1, Bridge 8
performs a frequency conversion between a bus operating at DSP/6 clock rate and a bus operating at
DSP/3 clock rate. Furthermore, Bridge 3 performs a bus-width conversion between a 64-bit bus and a
32-bit bus.
The C64x+ megamodule, the ARM subsystem, the EDMA3 transfer controllers, and the various system
peripherals can be classified into two categories: master peripherals and slave peripherals. Master
peripherals are typically capable of initiating read and write transfers in the system and do not rely on the
EDMA3 or on a CPU to perform transfers to and from them. The system master peripherals include the
C64x+ megamodule, the ARM subsystem, the EDMA3 transfer controllers, CF/ATA, VLYNQ, EMAC, USB,
and VPSS. Not all master peripherals may connect to all slave peripherals. The supported connections
are designated by an X in Table 4-1.
Table 4-1. System Connection Matrix
SLAVE
MASTER
C64x+
ARM
DDR2 MEMORY CONTROLLER
SCR3(1)
C64x+
X
X
X
ARM
X
X
X
VPSS
X
CF/ATA
X
X
X
X
VLYNQ
X
X
X
X
EMAC
X
X
X
X
USB
X
X
X
X
EDMA3TC0
X
X
X
X
EDMA3TC1
X
X
X
X
HPI
X
X
X(2)
(1)
The C64x+ megamodule has access to only the following peripherals connected to SCR3: EDMA3, ASP, and Timers. All other
peripherals/modules that support a connection to SCR3 have access to all peripherals/modules connected to SCR3.
(2)
HPI's access to SCR3 is limited to the power and sleep controller registers, PLL1 and PLL2 registers, and HPI configuration registers.
Copyright © 2005–2010, Texas Instruments Incorporated
System Interconnect
83
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com