Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV6446AINZWT8 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 55Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 56Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 57Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 58Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 59Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 60Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 61Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 62Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
SPRUE24
TMS320DM644x DMSoC Ethernet Media Access Controller (EMAC)/Management Data
Input/Output (MDIO) Module User's Guide. Discusses the ethernet media access
controller (EMAC) and physical layer (PHY) device management data input/output (MDIO)
module in the TMS320DM644x Digital Media System-on-Chip (DMSoC). The EMAC controls
the flow of packet data from the DMSoC to the PHY. The MDIO module controls PHY
configuration and status monitoring.
SPRUE25
TMS320DM644x DMSoC General-Purpose Input/Output (GPIO) User's Guide. Describes
the general-purpose input/output (GPIO) peripheral in the TMS320DM644x Digital Media
System-on-Chip (DMSoC). The GPIO peripheral provides dedicated general-purpose pins
that can be configured as either inputs or outputs. When configured as an input, you can
detect the state of the input by reading the state of an internal register. When configured as
an output, you can write to an internal register to control the state driven on the output pin.
SPRUE26
TMS320DM644x DMSoC 64-Bit Timer User's Guide. Describes the operation of the
software-programmable 64-bit timer in the TMS320DM644x Digital Media System-on-Chip
(DMSoC). Timer 0 and Timer 1 are used as general-purpose (GP) timers and can be
programmed in 64-bit mode, dual 32-bit unchained mode, or dual 32-bit chained mode;
Timer 2 is used only as a watchdog timer. The GP timer modes can be used to generate
periodic interrupts or enhanced direct memory access (EDMA) synchronization events. The
watchdog timer mode is used to provide a recovery mechanism for the device in the event of
a fault condition, such as a non-exiting code loop.
SPRUE29
TMS320DM644x DMSoC Audio Serial Port (ASP) User's Guide. Describes the operation
of the audio serial port (ASP) audio interface in the TMS320DM644x Digital Media
System-on-Chip (DMSoC). The primary audio modes that are supported by the ASP are the
AC97 and IIS modes. In addition to the primary audio modes, the ASP supports general
serial port receive and transmit operation, but is not intended to be used as a high-speed
interface.
SPRUE35
TMS320DM644x DMSoC Universal Serial Bus (USB) Controller User's Guide. Describes
the
universal
serial
bus
(USB)
controller
in
the
TMS320DM644x
Digital
Media
System-on-Chip (DMSoC). The USB controller supports data throughput rates up to 480
Mbps. It provides a mechanism for data transfer between USB devices and also supports
host negotiation.
SPRUE37
TMS320DM644x DMSoC Video Processing Back End (VPBE) User's Guide. Describes
the video processing back end (VPBE) in the TMS320DM644x Digital Media System-on-Chip
(DMSoC) video processing subsystem. Included in the VPBE is the video encoder,
on-screen display, and digital LCD controller.
SPRUE97
TMS320DM644x DMSoC Host Port Interface (HPI) User's Guide. Describes the features
and operation of the host port interface (HPI) in the TMS320DM644x Digital Media
System-on-Chip (DMSoC).
SPRA839
Using IBIS Models for Timing Analysis. Describes how to properly use IBIS models to
attain accurate timing analysis for a given system.
SPRAA84
TMS320C64x to TMS320C64x+ CPU Migration Guide. Describes migrating from the Texas
Instruments TMS320C64x digital signal processor (DSP) to the TMS320C64x+ DSP. The
objective of this document is to indicate differences between the two cores. Functionality in
the devices that is identical is not included.
SPRAAA6
EDMA v3.0 (EDMA3) Migration Guide for TMS320DM644x DMSoC. Describes migrating
from the Texas Instruments TMS320C64x digital signal processor (DSP) enhanced direct
memory access (EDMA2) to the TMS320DM644x Digital Media System-on-Chip (DMSoC)
EDMA3. This document summarizes the key differences between the EDMA3 and the
EDMA2 and provides guidance for migrating from EDMA2 to EDMA3.
Copyright © 2005–2010, Texas Instruments Incorporated
Device Overview
59
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com