Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV6446AINZWT8 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 45Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 46Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 47Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 48Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 49Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 50Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 51Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 52Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 2-25. MMC/SD/SDIO Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)
DESCRIPTION
NAME
NO.
MMC/SD/SDIO
SD_CLK
A9
O
DVDD33
Data clock output SD_CLK
SD_CMD
B9
I/O/Z
DVDD33
Bi-directional command IO SD_CMD
SD_DATA3
C9
I/O/Z
SD_DATA2
D9
I/O/Z
DVDD33
These pins are the nibble-wide bi-directional data bus SD_DATA[3:0].
SD_DATA1
E9
I/O/Z
SD_DATA0
D8
I/O/Z
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
Specifies the operating I/O supply voltage for each signal
Table 2-26. HPI Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
Host-Port Interface (HPI)
For EMIFA, this pin is Chip Select 3 output.
EM_CS3
B1
I/O/Z
DVDD18
In HPI mode this pin must be pulled high via an external 10-k
Ω resistor.
EM_BA[0]/
This pin is multiplexed between EMIFA, ATA/CF, and HPI.
DA0/
J3
I/O/Z
DVDD18
In HPI mode, it is the host interrupt output HINT.
HINT
EM_A[0]/
This pin is multiplexed between EMIFA, ATA/CF, HPI, and GPIO.
DA2/
For HPI, it is control input HCNTL1. The state of HCNTL1 and HCNTL0 determine
J4
I/O/Z
DVDD18
HCNTL1/
if address, data, or control information is being transmitted between an external
GPIO53
host and DM644X.
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), and HPI.
EM_A[2]/
In HPI mode, it is control input HCNTL0. The state of HCNTL1 and HCNTL0
(CLE)/
J1
I/O/Z
DVDD18
determine if address, data, or control information is being transmitted between an
HCNTL0
external host and DM644X.
EM_A[1]/
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), and HPI.
(ALE)/
J2
I/O/Z
DVDD18
In HPI mode, it is Half-word identification input HHWIL.
HHWIL
EM_R/W/
This pin is multiplexed between EMIFA, ATA/CF, and HPI.
INTRQ/
G3
I/O/Z
DVDD18
For HPI, it is the Host Read Write input HR/W. This signal is active high for reads
HR/W
and low for writes.
EM_CS2/
This pin is multiplexed between EMIFA and HPI.
C2
I/O/Z
DVDD18
HCS
In HPI mode, this pin is HPI Active Low Chip Select input HCS.
EM_WE
(WE)
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI.
(IOWR)/
G2
I/O/Z
DVDD18
For HPI, it is data strobe 2 input HDS2.
DIOW/
HDS2
EM_OE/
(RE)/
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI.
(IORD)/
H4
I/O/Z
DVDD18
For HPI, it is data strobe 1 input HDS1.
DIOR/
HDS1
EM_WAIT/
(RDY/BSY)/
IPU
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI.
F1
I/O/Z
IORDY/
DVDD18
For HPI, it is ready output HRDY.
HRDY
(1)
IPD = Internal pulldown, IPU = Internal pullup. (To pull up a signal to the opposite supply rail, a 1-k
Ω resistor should be used.)
(2)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2005–2010, Texas Instruments Incorporated
Device Overview
49
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com