Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2685FIDZUT11 Datasheet(PDF) 31 Page - Texas Instruments

Part # TNETV2685FIDZUT11
Description  Digital Media Processor
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2685FIDZUT11 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TNETV2685FIDZUT11 Datasheet HTML 27Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 28Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 29Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 30Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 31Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 32Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 33Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 34Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 191 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 2-5. Terminal Functions (Ground and Power Supply) (continued)
TERMINAL
NO
TYPE(1)
INTERNAL
OPER
DESCRIPTION
NAME
PULLUP/
VOLT
PULLDOWN
VSS
AC12
Ground
VSS
AC16
Ground
POWER PINS
CVDD
J9
1.2-V Core Power Supply
CVDD
J11
1.2-V Core Power Supply
CVDD
J15
1.2-V Core Power Supply
CVDD
K10
1.2-V Core Power Supply
CVDD
K12
1.2-V Core Power Supply
CVDD
K14
1.2-V Core Power Supply
CVDD
L9
1.2-V Core Power Supply
CVDD
L11
1.2-V Core Power Supply
CVDD
L13
1.2-V Core Power Supply
CVDD
L15
1.2-V Core Power Supply
CVDD
M10
1.2-V Core Power Supply
CVDD
M12
1.2-V Core Power Supply
CVDD
M14
1.2-V Core Power Supply
CVDD
N11
1.2-V Core Power Supply
CVDD
N13
1.2-V Core Power Supply
CVDD
N15
1.2-V Core Power Supply
CVDD
P10
1.2-V Core Power Supply
CVDD
P12
1.2-V Core Power Supply
CVDD
P14
1.2-V Core Power Supply
CVDD
R13
1.2-V Core Power Supply
CVDD
N9
1.2-V Core Power Supply
CVDD
T16
1.2-V Core Power Supply
CVDD
R8
1.2-V Core Power Supply
CVDD
R15
1.2-V Core Power Supply
CVDD
V8
1.2-V Core Power Supply
CVDDESS
R11
1.2-V Core Power Supply for Ethernet Subsystem
CVDDESS
R9
1.2-V Core Power Supply for Ethernet Subsystem
AVDLL1
B10
1.8-V I/O supply
AVDLL2
B22
1.8-V I/O supply
CVDD1
H9
1.2-V Power supply for DDR, DDR I/Os, EMIF-DDR
Subsystem
CVDD1
J13
1.2-V Power supply for DDR, DDR I/Os, EMIF-DDR
Subsystem
AVDDA
V11
1.2-V SerDes Analog supply
AVDDA
W10
1.2-V SerDes Analog supply
DVDDD
T10
1.2-V SerDes Digital Supply
DVDDD
U10
1.2-V SerDes Digital Supply
AVDDR
AB10
1.8-V SerDes Analog Supply (Regulator)
AVDDT
AB8
1.2-V SerDes Analog Supply
AVDDT
U11
1.2-V SerDes Analog Supply
DVDD33
E22
3.3-V I/O supply voltage
DVDD33
F20
3.3-V I/O supply voltage
DVDD33
G1
3.3-V I/O supply voltage
Copyright © 2007–2012, Texas Instruments Incorporated
Device Overview
31
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com