| Electronic Components Datasheet Search |
|
TNETV2685FIDZUT11 Datasheet(PDF) 86 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV2685FIDZUT11 Datasheet(HTML) 86 Page - Texas Instruments |
|
86 / 191 page ![]() TMS320DM647 TMS320DM648 SPRS372H – MAY 2007 – REVISED APRIL 2012 www.ti.com (c) The C64x+ begins executing from DSPBOOTADDR (determined by bootmode selection). After the reset sequence, the boot sequence begins. Since the boot and configuration pins are not latched with a max reset, the previous values (as shown in the BOOTCFG register) are used to select the bootmode. For more details on the boot sequence, see the Using the TMS320DM647/DM648 Bootloader Application Report (literature number SPRAAJ1). After the boot sequence, follow the software initialization sequence. 6.7.4 System Reset A system reset maintains memory contents and does not reset the clock logic or the test and emulation circuitry. The device configuration pins are also not re-latched and the state of the peripherals (enabled/disabled) is also not affected. A system reset is initiated by the PRST pin of PCI peripheral. During a system reset, the following happens: 1. The RESETSTAT pin goes low to indicate an internal reset is being generated. The reset is allowed to propagate through the system. Internal system clocks are not affected. 2. After the internal reset signal has propagated, the PLL controllers pause and restart their system clocks for about 10 cycles of their system reference clocks, but retain their configuration. The PLLs also remain locked. 3. The boot sequence is started after the system clocks are restarted. Since the configuration pins (including the BOOTMODE[3:0] pins) are not latched with a system reset, the previous values, as shown in the BOOTCFG register, are used to select the boot mode. 6.7.5 Peripheral Local Reset The user can configure the local reset and clock state of a peripheral through programming the PSC. Table 6-2 identifies the LPSC numbers and the peripherals capable of being locally reset by the PSC. For more detailed information on the programming of these peripherals by the PSC, see the TMS320DM647/TMS320DM648 DSP Subsystem Reference Guide (literature number SPRUEU6). 6.7.6 Reset Priority If any of the above reset sources occur simultaneously, the PLLCTRL processes only the highest priority reset request. The reset request priorities are as follows (high to low): • Power-on Reset • Maximum Reset • Warm Reset • System Reset 86 Peripheral Information and Electrical Specifications Copyright © 2007–2012, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |