| Electronic Components Datasheet Search |
|
TNETV2685FIDZUT11 Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV2685FIDZUT11 Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 191 page ![]() TMS320DM647 TMS320DM648 SPRS372H – MAY 2007 – REVISED APRIL 2012 www.ti.com Table 2-5. Terminal Functions (Ground and Power Supply) (continued) TERMINAL NO TYPE(1) INTERNAL OPER DESCRIPTION NAME PULLUP/ VOLT PULLDOWN DVDD33 G19 3.3-V I/O supply voltage DVDD33 J7 3.3-V I/O supply voltage DVDD33 H16 3.3-V I/O supply voltage DVDD33 H22 3.3-V I/O supply voltage DVDD33 J17 3.3-V I/O supply voltage DVDD33 K8 3.3-V I/O supply voltage DVDD33 K16 3.3-V I/O supply voltage DVDD33 L7 3.3-V I/O supply voltage DVDD33 L17 3.3-V I/O supply voltage DVDD33 M8 3.3-V I/O supply voltage DVDD33 M16 3.3-V I/O supply voltage DVDD33 M23 3.3-V I/O supply voltage DVDD33 N2 3.3-V I/O supply voltage DVDD33 N7 3.3-V I/O supply voltage DVDD33 N17 3.3-V I/O supply voltage DVDD33 P8 3.3-V I/O supply voltage DVDD33 P16 3.3-V I/O supply voltage DVDD33 R7 3.3-V I/O supply voltage DVDD33 R17 3.3-V I/O supply voltage DVDD33 T8 3.3-V I/O supply voltage DVDD33 T12 3.3-V I/O supply voltage DVDD33 T14 3.3-V I/O supply voltage DVDD33 T23 3.3-V I/O supply voltage DVDD33 AB7 3.3-V I/O supply voltage DVDD33 U15 3.3-V I/O supply voltage DVDD33 U17 3.3-V I/O supply voltage DVDD33 V2 3.3-V I/O supply voltage DVDD33 V16 3.3-V I/O supply voltage DVDD33 W23 3.3-V I/O supply voltage DVDD33 Y4 3.3-V I/O supply voltage DVDD33 Y8 3.3-V I/O supply voltage DVDD33 AB16 3.3-V I/O supply voltage DVDD33 AC2 3.3-V I/O supply voltage DVDD33 AC5 3.3-V I/O supply voltage DVDD33 AB12 3.3-V I/O supply voltage DVDD33 AC19 3.3-V I/O supply voltage DVDD33 AC23 3.3-V I/O supply voltage DVDD18 B1 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 B5 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 B15 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 B18 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 B23 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 C3 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 C10 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 C13 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 C21 1.8-V I/O supply voltage (DDR2 Memory Controller) 32 Device Overview Copyright © 2007–2012, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |