Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2685FIDZUT11 Datasheet(PDF) 33 Page - Texas Instruments

Part # TNETV2685FIDZUT11
Description  Digital Media Processor
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2685FIDZUT11 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TNETV2685FIDZUT11 Datasheet HTML 29Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 30Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 31Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 32Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 33Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 34Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 35Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 36Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 191 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 2-5. Terminal Functions (Ground and Power Supply) (continued)
TERMINAL
NO
TYPE(1)
INTERNAL
OPER
DESCRIPTION
NAME
PULLUP/
VOLT
PULLDOWN
DVDD18
E5
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
F8
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
F14
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
F16
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
F18
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
G9
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
G11
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
G13
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
G15
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
G17
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
H10
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
H12
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
H14
1.8-V I/O supply voltage (DDR2 Memory Controller)
DDR_VREF
C11
(DVDD18/2)-V reference for SSTL buffer (DDR2 Memory
Controller0. This input voltage cn be generated directly from
DVDD18 using two 1-KΩ resistors to form a resister divider
circuit.
VCCMON
L19
Die-side 1.2-V core supply voltage monitor pin. The monitor
pins indicate the voltage on the die, and, therefore, provide the
best probe point for voltage monitoring purposes. If the VCCMON
pin is not used, it should be connected directly to the 1.2-V
core supply or left unconnected.
VDD18MON
B2
Die-side 1.8-V I/O supply voltage monitor pin. The monitor pins
indicate the voltage on the die and, therefore, provide the best
probe point for voltage monitoring purposes. If the VDD18MON
pin is not used, it should be connected directly to the 1.8-V I/O
supply (DVDD18).
VDD33MON
G21
Die-side 3.3-V I/O supply voltage monitor pin. The monitor pins
indicate the voltage on the die and, therefore, provide the best
probe point for voltage monitoring purposes. If the VDD33MON
pin is not used, it should be connected directly to the 3.3-V I/O
supply (DVDD33).
Reserved
RSV 1
L20
A
Reserved. Unconnected
RSV 2
L21
A
Reserved. Unconnected
RSV 3
D2
O
Reserved. Unconnected
RSV 4
D1
O
Reserved. Unconnected
RSV 5
D4
O
Reserved. Unconnected
RSV 6
D3
O
Reserved. Unconnected
RSV 7
H7
A
Reserved. These pins must be connected directly to VSS for
proper device operation.
RSV 8
H8
A
Reserved. These pins must be connected directly to VSS for
proper device operation.
RSV 9
M2
A
Reserved. Unconnected
RSV 10
A2
A
Reserved. Unconnected
RSV 11
E2
Reserved This pin must be connected directly to VSS for proper
device operation.
RSV 12
E1
Reserved. This pin must be connected directly to 1.8-V I/O
supply
RSV 13
E4
Reserved This pin must be connected directly to VSS for proper
device operation.
RSV 14
E3
Reserved. This pin must be connected directly to 1.8-V I/O
supply
Copyright © 2007–2012, Texas Instruments Incorporated
Device Overview
33
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com