Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW40N95K5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW40N95K5
Description  Zener-protected
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW40N95K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW40N95K5 Datasheet HTML 3Page - STMicroelectronics STW40N95K5 Datasheet HTML 4Page - STMicroelectronics STW40N95K5 Datasheet HTML 5Page - STMicroelectronics STW40N95K5 Datasheet HTML 6Page - STMicroelectronics STW40N95K5 Datasheet HTML 7Page - STMicroelectronics STW40N95K5 Datasheet HTML 8Page - STMicroelectronics STW40N95K5 Datasheet HTML 9Page - STMicroelectronics STW40N95K5 Datasheet HTML 10Page - STMicroelectronics STW40N95K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STW40N95K5
Electrical characteristics
DocID026447 Rev 2
7/13
Figure 8: Capacitance variations
Figure 9: Normalized gate threshold voltage vs
temperature
Figure 10: Normalized on-resistance
Figure 11: Normalized V(BR)DSS vs temperature
Figure 12: Output capacitance stored energy
Figure 13: Source-drain diode forward
characteristics
RDS(on)
1
-50
0
100
Tj(°C)
50
(norm)
0.2
0.6
1.4
1.8
2.2
VGS= 10V
2.6
GIPD121120141039FSR
V(BR)DSS
0.96
-50
0
100
Tj(°C)
50
(norm)
0.88
0.92
1.00
1.04
1.08
ID= 1m A
1.12
GIPD121120141041FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com