Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T635T-8FP Datasheet(PDF) 6 Page - STMicroelectronics

Part # T635T-8FP
Description  6 A Snubberless™ Triac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T635T-8FP Datasheet(HTML) 6 Page - STMicroelectronics

  T635T-8FP Datasheet HTML 1Page - STMicroelectronics T635T-8FP Datasheet HTML 2Page - STMicroelectronics T635T-8FP Datasheet HTML 3Page - STMicroelectronics T635T-8FP Datasheet HTML 4Page - STMicroelectronics T635T-8FP Datasheet HTML 5Page - STMicroelectronics T635T-8FP Datasheet HTML 6Page - STMicroelectronics T635T-8FP Datasheet HTML 7Page - STMicroelectronics T635T-8FP Datasheet HTML 8Page - STMicroelectronics T635T-8FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package information
T635T-8FP
6/9
DocID024247 Rev 2
2
Package information
•
Epoxy meets UL94, V0
•
Lead-free package
•
Recommended torque: 0.4 to 0.6 N·m
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 14. TO-220FPAB dimension definitions
H
A
B
Dia
L7
L6
L5
F1
F2
F
D
E
L4
G1
G
L2
L3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com