Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T635T-8FP Datasheet(PDF) 2 Page - STMicroelectronics

Part # T635T-8FP
Description  6 A Snubberless™ Triac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T635T-8FP Datasheet(HTML) 2 Page - STMicroelectronics

  T635T-8FP Datasheet HTML 1Page - STMicroelectronics T635T-8FP Datasheet HTML 2Page - STMicroelectronics T635T-8FP Datasheet HTML 3Page - STMicroelectronics T635T-8FP Datasheet HTML 4Page - STMicroelectronics T635T-8FP Datasheet HTML 5Page - STMicroelectronics T635T-8FP Datasheet HTML 6Page - STMicroelectronics T635T-8FP Datasheet HTML 7Page - STMicroelectronics T635T-8FP Datasheet HTML 8Page - STMicroelectronics T635T-8FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
T635T-8FP
2/9
DocID024247 Rev 2
1
Characteristics
Table 2. Absolute maximum ratings (Tj = 25 °C unless otherwise stated)
Symbol
Parameter
Value
Unit
IT(rms)
On-state rms current (full sine wave)
Tc = 117 °C
6
A
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25 °C)
F = 50 Hz
t = 20 ms
45
A
F = 60 Hz
t = 16.7 ms
47
I²tI²t value for fusing, Tj initial = 25 °C
tp = 10 ms
13
A²s
VDRM,
VRRM
Repetitive surge peak off-state voltage
Tj = 150 °C
600
V
Tj = 125 °C
800
VDSM,
VRSM
Non repetitive surge peak off-state voltage
tp = 10 ms
900
V
dI/dt
Critical rate of rise of on-state
current IG = 2 x IGT, tr ≤ 100 ns
F = 100 Hz
100
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 150 °C
4
A
PG(AV)
Average gate power dissipation
Tj = 150 °C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Vins
Insulation rms voltage, 1 minute
2
kV
Table 3. Electrical characteristics (Tj = 25 °C, unless otherwise stated)
Symbol
Test conditions
Quadrant
Value
Unit
IGT
(1)
VD = 12 V, RL = 30 Ω
I - II - III
Min.
1.75
mA
Max.
35
VGT
VD = 12 V, RL = 30 Ω
I - II - III
Max.
1.3
V
VGD
VD = VDRM, RL = 3.3 kΩ, Tj = 150 °C
I - II - III
Min.
0.2
V
IH
(1)
1. For both polarities of A2 referenced to A1
IT = 500 mA
Max.
40
mA
IL
IG = 1.2 IGT
I - III
Max.
60
mA
II
Max.
65
mA
dV/dt (1)
VD = 536 V, gate open
Tj = 125 °C
Min.
2000
V/µs
VD = 402 V, gate open
Tj = 150 °C
1000
V/µs
(dI/dt)c (1)
Without snubber (dV/dt)c
≥ 20 V/µs)
Tj = 125 °C
Min.
6
A/ms
Tj = 150 °C
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com