Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T635T-8FP Datasheet(PDF) 4 Page - STMicroelectronics

Part # T635T-8FP
Description  6 A Snubberless™ Triac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T635T-8FP Datasheet(HTML) 4 Page - STMicroelectronics

  T635T-8FP Datasheet HTML 1Page - STMicroelectronics T635T-8FP Datasheet HTML 2Page - STMicroelectronics T635T-8FP Datasheet HTML 3Page - STMicroelectronics T635T-8FP Datasheet HTML 4Page - STMicroelectronics T635T-8FP Datasheet HTML 5Page - STMicroelectronics T635T-8FP Datasheet HTML 6Page - STMicroelectronics T635T-8FP Datasheet HTML 7Page - STMicroelectronics T635T-8FP Datasheet HTML 8Page - STMicroelectronics T635T-8FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
T635T-8FP
4/9
DocID024247 Rev 2
Figure 5. On-state characteristics (maximum
values)
Figure 6. Surge peak on-state current versus
number of cycles
I(A)
TM
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
j max :
V
to = 0.85 V
R
d = 75 mW
T
j = 150 °C
T
j = 25 °C
V
(V)
TM
I(A)
TSM
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
Non repetitive
T
j initial=25 °C
Repetitive
T
C= 117 °C
One cycle
t = 20 ms
Number of cycles
Figure 7. Non repetitive surge peak on-state
current and corresponding values of I2t
Figure 8. Relative variation of gate trigger
current and gate voltage versus junction
temperature (typical values)
I
A), I²t (A²s)
TSM(
100
1000
0.01
0.10
1.00
10.00
dI/dt limitation: 100 A/µs
I
TSM
I²t
T
j initial=25 °C
Sinusoidal pulse with
width t <10 ms
p
10
t(ms)
p
V [T ] / V [T = 25 °C]
GT
j
GT
j
I [T ] / I [T = 25 °C],
GT
j
GT
j
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
150
I
GT Q1-Q2
I
GT Q3
V
GT
T (°C)
j
Figure 9. Relative variation of static dV/dt
immunity versus junction temperature (typical
values)
Figure 10. Relative variation of holding current
and latching current versus junction
temperature (typical values)
dV/dt [T
j]/ dV/dt [T j=150 °C]
0
1
2
3
4
5
25
50
75
100
125
150
V
D=VR=402V
(dV/dt) > 5KV/µs
Tj(°C)
I , I [T ] / I , I [T = 25 °C]
HL
j
H
L
j
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
150
I
H
I
L
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com