Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T635T-8FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # T635T-8FP
Description  6 A Snubberless™ Triac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T635T-8FP Datasheet(HTML) 1 Page - STMicroelectronics

  T635T-8FP Datasheet HTML 1Page - STMicroelectronics T635T-8FP Datasheet HTML 2Page - STMicroelectronics T635T-8FP Datasheet HTML 3Page - STMicroelectronics T635T-8FP Datasheet HTML 4Page - STMicroelectronics T635T-8FP Datasheet HTML 5Page - STMicroelectronics T635T-8FP Datasheet HTML 6Page - STMicroelectronics T635T-8FP Datasheet HTML 7Page - STMicroelectronics T635T-8FP Datasheet HTML 8Page - STMicroelectronics T635T-8FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
January 2015
DocID024247 Rev 2
1/9
9
T635T-8FP
6 A Snubberless™ Triac
Datasheet
− production data
Features
• Medium current Triac
• High static and dynamic commutation
• Three quadrants
• ECOPACK®2 compliant component
• Complies with UL standards (File ref: E81734)
Applications
• General purpose AC line load switching
• Motor control circuits
• Small home appliances
• Lighting
• Inrush current limiting circuits
• Overvoltage crowbar protection
Description
Available in through-hole full pack package, the
T635T-8FP Triac can be used for the on/off or
phase angle control function in general purpose
AC switching where high commutation capability
is required. This device can be used without a
snubber circuit when the limits defined in this
datasheet are respected.
Provides UL certified insulation rated at 2 kV.
TM: Snubberless is a trademark of STMicroelectronics
Table 1. Device summary
Symbol
Value
Unit
IT(rms)
6A
VDRM, VRRM
800
V
VDSM, VRSM
900
V
IGT
35
mA
A2
A1
G
A1
A2
G
TO-220FPAB
(T635T-8FP)
www.st.com


Similar Part No. - T635T-8FP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T635T-8FP ISC-T635T-8FP Datasheet
254Kb / 2P
Isc Triacs
More results

Similar Description - T635T-8FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T630W STMICROELECTRONICS-T630W_10 Datasheet
85Kb / 8P
6 A Snubberless??Triac
09-Feb-2010
T830-8FP STMICROELECTRONICS-T830-8FP Datasheet
105Kb / 9P
8 A Snubberless Triac
24-Sep-2012
T630-600W STMICROELECTRONICS-T630-600W Datasheet
83Kb / 8P
6 A Snubberless™Triac
09-Feb-2010
BTA06T-600CWRG STMICROELECTRONICS-BTA06T-600CWRG Datasheet
106Kb / 8P
6 A Snubberless™ Triac
June 2010 Rev 2
T635T-8T STMICROELECTRONICS-T635T-8T Datasheet
272Kb / 9P
6 A Snubberless™ Triac
July 2014 Rev 3
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
12 A Snubberless™ Triac
19-Dec-2017
T435T-600FP STMICROELECTRONICS-T435T-600FP Datasheet
150Kb / 9P
4 A Snubberless™ Triac
July 2014
T1235T-8I STMICROELECTRONICS-T1235T-8I Datasheet
415Kb / 9P
12 A Snubberless™ Triac
December 2017
T1235T-8R STMICROELECTRONICS-T1235T-8R Datasheet
417Kb / 9P
12 A Snubberless™ Triac
November 2017
T4050-6PF STMICROELECTRONICS-T4050-6PF Datasheet
218Kb / 11P
40 A Snubberless™ Triac
DS12857 - Rev 1 - December 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com