Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7987 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L7987
Description  Adjustable current limitation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L7987 Datasheet HTML 12Page - STMicroelectronics L7987 Datasheet HTML 13Page - STMicroelectronics L7987 Datasheet HTML 14Page - STMicroelectronics L7987 Datasheet HTML 15Page - STMicroelectronics L7987 Datasheet HTML 16Page - STMicroelectronics L7987 Datasheet HTML 17Page - STMicroelectronics L7987 Datasheet HTML 18Page - STMicroelectronics L7987 Datasheet HTML 19Page - STMicroelectronics L7987 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Functional description
L7987
16/37
DocID025589 Rev 3
(typ.). With the EN pin higher than 1.16 V, the device is enabled. If the EN pin is left floating,
an internal pull-down current ensures that the voltage at the pin reaches the inhibit threshold
and the device is disabled. The pin is also VCC compatible.
4.3
Error amplifier and light-load management
The error amplifier (E/A) provides the error signal to be compared with the sawtooth to
perform the pulse width modulation. Its non inverting input is internally connected to a 0.8V
voltage reference and its inverting input (FB) and output (COMP) are externally available for
feedback and frequency compensation. In this device the error amplifier is a voltage mode
operational amplifier, therefore, with high DC gain and low output impedance.
The uncompensated error amplifier characteristics are summarized in Table 6.
In continuous conduction working mode (CCM), the transfer function of the power section
has two poles due to the LC filter and one zero due to the ESR of the output capacitor.
Different kinds of compensation networks can be used depending on the ESR value of the
output capacitor.
If the zero introduced by the output capacitor helps to compensate the double pole of the LC
filter, a type II compensation network can be used. Otherwise, a type III compensation
network must be used (see Section 5.4 on page 23 for details on the compensation network
design).
In case of light load (i.e. if the output current is lower than the half of the inductor current
ripple) the L7987 device enters pulse-skipping working mode. The HS MOS is kept off if the
COMP level is below 200 mV (typ.); when this bottom level is reached the integrated switch
is turned on until the inductor current reaches ISKIP value. So, in discontinuous conduction
working mode (DCM), the HS MOS on-time is only related to the time necessary to charge
the inductor up to ISKIP level. Due to current sensing comparator delay, the actual inductor
charge current is slightly impacted by VIN and inductance level.
In order to let the bootstrap capacitor recharge, in case of extremely light load the L7987 is
able to pull-down the LX net through an integrated small LS MOS. In this way the bootstrap
recharge current can flow from VIN through CBOOT, LX and the LS MOS.
This mechanism is activated if the HS MOS has been kept turned-off for more than 3 ms
(typ.).
Table 6. Error amplifier characteristics
Parameters
Value
Low frequency gain (A0)
100 dB
GBWP
23 MHz
Output voltage swing
0 to 3.5 V
Source/sink current capability
2 mA / 5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com