Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7987 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L7987
Description  Adjustable current limitation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L7987 Datasheet HTML 20Page - STMicroelectronics L7987 Datasheet HTML 21Page - STMicroelectronics L7987 Datasheet HTML 22Page - STMicroelectronics L7987 Datasheet HTML 23Page - STMicroelectronics L7987 Datasheet HTML 24Page - STMicroelectronics L7987 Datasheet HTML 25Page - STMicroelectronics L7987 Datasheet HTML 26Page - STMicroelectronics L7987 Datasheet HTML 27Page - STMicroelectronics L7987 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Application information
L7987
24/37
DocID025589 Rev 3
The transfer function of the power section (i.e. the L-CO filters and the output load) is the
ratio of the parallel of CO and RO and the sum of L and the parallel of CO and RO, including
L and CO parasitics:
Equation 15
given L, RDC, CO, RES and RO the parameters shown in Figure 10. The power section
transfer function can be rewritten as follows:
Equation 16
Equation 17
Equation 18
with the assumption that the inductor parasitic resistance, RDC, is negligible compared to
RO. The closed loop gain is then given by:
Equation 19
GLOOP(s) = GLC(s) GPWO(s) GCOMP(s)
As noted in Section 5.2 on page 21, two different kinds of network can compensate the loop,
depending on the value of fzESR, lower or higher than the regulator required bandwidth.
In Section 5.4.1 and Section 5.4.2 the guidelines to select the type II and type III
compensation network are illustrated.


O
D C
O
E S
O
D C
E S
O
D C
O
O
E S
O
O
E S
O
O
D C
O
E S
O
O
E S
O
L C
R
R
R
R
C
R
R
C
R
R
C
L
s
R
R
L C
s
R
s C
R
R
s L
s C
R
R
s C
R
R
s
G




2
1
1
1
GLC s

GLCO
1
s
2
 f
zESR
---------------------------
+
1
s
2
 Q
fLC
-------------------------------
s
2
 f
LC
--------------------

 2
++
-----------------------------------------------------------------------------
;
=
GLCO
RO
RO RDC
+
-------------------------- 1
=
fzESR
1
2
 C
ORES
--------------------------------;
=
fLC
1
2
 LC
O
RO RES
+
RO RDC
+
--------------------------
------------------------------------------------------
1
2
 LC
O
RO RES
+
RO
-------------------------
-----------------------------------------------------
=
Q
LCO
RO RDC
+
RO RES
+
LCO  RORDC RORES RESRDC
++

+
-----------------------------------------------------------------------------------------------------------
LCO
RO  RO RES
+

LCORORES
+
-------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com