Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7987 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L7987
Description  Adjustable current limitation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L7987 Datasheet HTML 24Page - STMicroelectronics L7987 Datasheet HTML 25Page - STMicroelectronics L7987 Datasheet HTML 26Page - STMicroelectronics L7987 Datasheet HTML 27Page - STMicroelectronics L7987 Datasheet HTML 28Page - STMicroelectronics L7987 Datasheet HTML 29Page - STMicroelectronics L7987 Datasheet HTML 30Page - STMicroelectronics L7987 Datasheet HTML 31Page - STMicroelectronics L7987 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Application information
L7987
28/37
DocID025589 Rev 3
The following suggestions can be followed for a quite common compensation strategy,
assuming that CP << CF and RS << RU.
Starting from Equation 19 on page 24, in case of type III compensation network and
MLCC ceramic output capacitors the control loop gain module at s = 2

FBW allows
to fix the RF/RU ratio:
Equation 26
After choosing the regulator bandwidth (typically FBW < 0.2 FSW) and a value for RU,
usually between 1 k
 and 50 k, in order to achieve CF and CP not comparable with
parasitic capacitance of the board, the RF required value is computed by Equation 26.
Select CF in order to place FZ1 below FLC (typically 0.1 FLC)
Select CP in order to place FP1 at 0.5 FSW
Equation 27
Select CS in order to place FZ2 at FLC
Select RS in order to place FP2 at 0.5 FSW
Equation 28
1
1
)
2
(
,
U
F
BW
LC
FF
BW
III
LOOP
R
R
f
f
k
f
s
G
CF
1
2
 R
F
0.1 fLC
------------------------------------------------;
=
CP
1
2
 R
F
0.5 fSW
-------------------------------------------------
=
CS
1
2
 R
U
fLC
----------------------------------;
=
RS
1
2
 C
S
0.5 fSW
--------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com