Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7987 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L7987
Description  Adjustable current limitation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L7987 Datasheet HTML 26Page - STMicroelectronics L7987 Datasheet HTML 27Page - STMicroelectronics L7987 Datasheet HTML 28Page - STMicroelectronics L7987 Datasheet HTML 29Page - STMicroelectronics L7987 Datasheet HTML 30Page - STMicroelectronics L7987 Datasheet HTML 31Page - STMicroelectronics L7987 Datasheet HTML 32Page - STMicroelectronics L7987 Datasheet HTML 33Page - STMicroelectronics L7987 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Application information
L7987
30/37
DocID025589 Rev 3
TTR is the equivalent switching time. For this device the typical value for the equivalent
switching time is 20 ns.
Quiescent current losses, calculated as
Equation 31
PQ = VIN IQOPVIN + VBIAS IQOPVBIAS
where IQOPVIN and IQOPVBIAS are the L7987 quiescent current in case of separate bias
supply. If the switchover feature is not used, the IC quiescent current is the only one from
VIN, IQUIESC, as summarized in Table 5 on page 8.
The junction temperature TJ can be calculated as:
Equation 32
TJ = TA + Rth,JA PTOT
where TA is the ambient temperature and PTOT is the sum of the power losses just seen.
RthJA is the equivalent thermal resistance junction to ambient of the device; it can be
calculated as the parallel of many paths of heat conduction from the junction to the ambient.
For this device the path through the exposed pad is the one conducting the largest amount
of heat. The RthJA, measured on the demonstration board described in Section 5.6, is about
40 °C/W for the HTSSOP16 package.
5.6
Layout considerations
The PCB layout of the switching DC/DC regulators is very important to minimize the noise
injected in high impedance nodes and interference generated by the high switching current
loops. Two separated ground areas must be considered: the signal ground and the power
ground.
In a step-down converter the input loop (including the input capacitor, the Power MOSFET
and the freewheeling diode) is the most critical one. This is due to the fact that high value
pulsed currents are flowing through it. In order to minimize the EMI, this loop must be as
short as possible. The input loop, including also the output capacitor, must be referred to the
power ground. All the other components are referred to the signal ground.
The feedback pin (FB) connection to the external resistor divider is a high impedance node,
so the interference can be minimized by placing the routing of the feedback node as far as
possible from the high current paths. To reduce the pick-up noise, the resistor divider must
be placed very close to the device.
To filter the high frequency noise, a small bypass capacitor (1
F or higher) must be added
as close as possible to the input voltage pin of the device for both VIN and VCC pins.
Thanks to the exposed pad of the device, the ground plane helps to reduce the junction to
ambient thermal resistance; so a wide ground plane enhances the thermal performance of
the converter, allowing high power conversion.
The exposed pad must be connected to the signal GND pin. The connection to the ground
plane must be achieved by taking care of the above mentioned input loop, in order to avoid
high current flowing through the signal GND. Refer to Section 6 for the L7987 layout
example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com