Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1943 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1943
Description  Getting started with the X-NUCLEO-IHM07M1 motor driver expansion board based on the L6230 for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1943 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1943 Datasheet HTML 6Page - STMicroelectronics UM1943 Datasheet HTML 7Page - STMicroelectronics UM1943 Datasheet HTML 8Page - STMicroelectronics UM1943 Datasheet HTML 9Page - STMicroelectronics UM1943 Datasheet HTML 10Page - STMicroelectronics UM1943 Datasheet HTML 11Page - STMicroelectronics UM1943 Datasheet HTML 12Page - STMicroelectronics UM1943 Datasheet HTML 13Page - STMicroelectronics UM1943 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Board schematic
UM1943
10/28
DocID028304 Rev 1
3
Board schematic
Figure 5: X-NUCLEO-IHM07M1 schematic (1 of 8)
Vshunt_3_GND
Vshunt_2_GND
Vshunt_1_GND
External operational-amplifier
Overall AV=1.53
3V3
3V3
3V3
3V3
3V3
3V3
3V3
Vshunt_1
Curr_fdbk1
Curr_fdbk2
CP+
Vshunt_2
Curr_fdbk3
Vshunt_3
C8
N.M. 100p F/6.3V
JP1
FOC
R11
2.2k
C4
N.M. 100p F/6.3V
R13
680
C1
100nF10V
R9
2.2k
-
+
U10C
TSV994IPT
10
9
8
-
+
U10D
TSV994IPT
12
13
14
R10
2.2k
C3
680pF 10V
0
3
R
R15
2.2k
R1
2.2k
C7
680pF 10V
R5
2.2k
R4
2.2k
R14
0
R8
0
R2
680
R12
2.2k
C5
680pF 10V
-
+
U10B
TSV994IPT
5
6
7
-
+
U10A
TSV994IPT
3
2
1
R7
680
R16
2.2k
R6
2.2k
C6
N.M. 100p F/6.3V
JP2
FOC
C2
4.7uF 10V
GSPG03092015DI0955



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com