Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1943 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1943
Description  Getting started with the X-NUCLEO-IHM07M1 motor driver expansion board based on the L6230 for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1943 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1943 Datasheet HTML 18Page - STMicroelectronics UM1943 Datasheet HTML 19Page - STMicroelectronics UM1943 Datasheet HTML 20Page - STMicroelectronics UM1943 Datasheet HTML 21Page - STMicroelectronics UM1943 Datasheet HTML 22Page - STMicroelectronics UM1943 Datasheet HTML 23Page - STMicroelectronics UM1943 Datasheet HTML 24Page - STMicroelectronics UM1943 Datasheet HTML 25Page - STMicroelectronics UM1943 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Circuit description
UM1943
22/28
DocID028304 Rev 1
and with an embedded NTC (placed closed to L6230 driver) as shown in the diagram that
follows.
Figure 18: X-NUCLEO-IHM07M1
– VBUS and temperature sensing circuit
VBUS_SENS
VIN+
VBUS
C14
4.7nF/10V
R18
9.31K 1%
R17
169K 1%
RS model 742-8420
Place d near the L6230 driver
3V3
Temperature feedback
R19
NTC 10K
2
1
R20
4K7
C10
10nF 10V
GSPG15092015DI0645



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com