Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1943 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM1943
Description  Getting started with the X-NUCLEO-IHM07M1 motor driver expansion board based on the L6230 for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1943 Datasheet(HTML) 4 Page - STMicroelectronics

  UM1943 Datasheet HTML 1Page - STMicroelectronics UM1943 Datasheet HTML 2Page - STMicroelectronics UM1943 Datasheet HTML 3Page - STMicroelectronics UM1943 Datasheet HTML 4Page - STMicroelectronics UM1943 Datasheet HTML 5Page - STMicroelectronics UM1943 Datasheet HTML 6Page - STMicroelectronics UM1943 Datasheet HTML 7Page - STMicroelectronics UM1943 Datasheet HTML 8Page - STMicroelectronics UM1943 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Getting started
UM1943
4/28
DocID028304 Rev 1
2
Getting started
2.1
System architecture
A generic motor control system can be schematized in three main blocks (see Figure 2:
"Overall system architecture"):
Control block - its main task is to accept user commands and drive a motor. The X-
NUCLEO-IHM07M1 is based on the STM32 Nucleo board, which provides all digital
signals to properly implement motor driver control.
Power block - it is based on three-phase inverter topology. The core of the power
block is the L6230 driver, which contains all the necessary active power and analog
components to perform low voltage PMSM motor control.
Motor - the X-NUCLEO-IHM07M1 is able to properly drive a low voltage BLDC/PMSM
motor.
Figure 2: Overall system architecture
2.2
Building the system
The X-NUCLEO-IHM07M1 expansion board is a complete hardware development platform
(Power block) for the STM32 Nucleo board, for evaluating a motor control solution for a
single BLDC/PMSM motor. For normal board operation, it must be connected to an STM32
Nucleo board (Control block) through the ST morpho connector, as shown in the image
below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com