Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1943 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM1943
Description  Getting started with the X-NUCLEO-IHM07M1 motor driver expansion board based on the L6230 for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1943 Datasheet(HTML) 3 Page - STMicroelectronics

  UM1943 Datasheet HTML 1Page - STMicroelectronics UM1943 Datasheet HTML 2Page - STMicroelectronics UM1943 Datasheet HTML 3Page - STMicroelectronics UM1943 Datasheet HTML 4Page - STMicroelectronics UM1943 Datasheet HTML 5Page - STMicroelectronics UM1943 Datasheet HTML 6Page - STMicroelectronics UM1943 Datasheet HTML 7Page - STMicroelectronics UM1943 Datasheet HTML 8Page - STMicroelectronics UM1943 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
UM1943
System introduction
DocID028304 Rev 1
3/28
1
System introduction
1.1
Main characteristics
The list below provides the board specification data and the main parameters for the X-
NUCLEO-IHM07M1 expansion board:
Three-phase driver board for BLDC/PMSM motors
Nominal operating voltage range from 8 V to 48 V DC
2.8 A output peak current (1.4 ARMS)
Operating frequency up to 100 kHz
Non dissipative overcurrent detection and protection
Cross-conduction protection
Thermal measuring and overheating protection
Full compatibility with ST Six Step or ST FOC control algorithms
Full support for sensor and sensorless mode
3-shunt and 1-shunt configurable jumpers for motor current sensing
Hall/Encoder motor sensor connector and circuit
Debug connector for DAC, GPIOs, etc.
Potentiometer available for speed regulation
Fully populated board conception with test points
User LED
Compatible with STM32 Nucleo boards
Equipped with ST morpho connectors
RoHS compliant
PCB type and size:
PCB material: FR-4
4-layer layout
Copper thickness: 70 μm (external layer), 35 μm (internal layer)
Total dimensions of the board: 70 mm x 66 mm
1.2
Target applications
Low voltage PMSM motor driver
Low power fans
Power tools
Industrial drives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com