Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1996 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1996
Description  Getting started with X-NUCLEO-IHM08M1 low-voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1996 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1996 Datasheet HTML 2Page - STMicroelectronics UM1996 Datasheet HTML 3Page - STMicroelectronics UM1996 Datasheet HTML 4Page - STMicroelectronics UM1996 Datasheet HTML 5Page - STMicroelectronics UM1996 Datasheet HTML 6Page - STMicroelectronics UM1996 Datasheet HTML 7Page - STMicroelectronics UM1996 Datasheet HTML 8Page - STMicroelectronics UM1996 Datasheet HTML 9Page - STMicroelectronics UM1996 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Getting started
UM1996
6/29
DocID028716 Rev 2
2
Getting started
2.1
System architecture
A generic motor control system can be basically schematized as the arrangement of three
main functional blocks (see System functional hardware blocks):
Control block accepts user commands to drive a motor. The X-NUCLEO-IHM08M1 is
based on the STM32 Nucleo board, which provides all the digital signals for effective
motor driving control.
Power block is based on the 3-phase inverter topology. The core of the power block
is the embedded L6398 driver, which contains all the necessary active power and
analog components to perform low voltage PMSM motor control.
Motor the X-NUCLEO-IHM08M1 is able to proper drive a low voltage BLDC/PMSM
motor.
This section describes how to set up different hardware parts before writing and executing
an application on the STM32 Nucleo board with the low-voltage BLDC motor driver
expansion board.
Figure 2: System functional hardware blocks
2.2
Building the system
The X-NUCLEO-IHM08M1 expansion board (Power block in the figure above) is a
complete hardware development platform for the STM32 Nucleo board allowing effective
evaluation of motor control solutions for single BLDC/PMSM motors. For regular board
operation, please follow the steps below:
1.
Plug the expansion board on an STM32 Nucleo main board (Control block) through
the ST morpho connector; there is only one position allowed for this connection.
Ensure that the blue (B1) and black (B2) buttons on the STM32 Nucleo board are not
covered, as shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com