Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1996 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1996
Description  Getting started with X-NUCLEO-IHM08M1 low-voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1996 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1996 Datasheet HTML 6Page - STMicroelectronics UM1996 Datasheet HTML 7Page - STMicroelectronics UM1996 Datasheet HTML 8Page - STMicroelectronics UM1996 Datasheet HTML 9Page - STMicroelectronics UM1996 Datasheet HTML 10Page - STMicroelectronics UM1996 Datasheet HTML 11Page - STMicroelectronics UM1996 Datasheet HTML 12Page - STMicroelectronics UM1996 Datasheet HTML 13Page - STMicroelectronics UM1996 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Getting started
UM1996
10/29
DocID028716 Rev 2
Pin
Default
Signal
Solder Bridge
16
+3V3
17
PA15
Encoder A/ Hall H1
R79
18
+5V
Encoder/Hall PS voltage
19
GND
20
GND
21
PB7
22
GND
23
PC13
Blue button
24
VIN
J9
25
PC14
26
NC
27
PC15
28
PA0
Curr_fdbk_PhA
R47
29
PH0/PF0/PD0
30
PA1
VBUS_sensing
R51
31
PH1/PF1/PD1
32
PA4
DAC_Ch, Potentiometer (1)
R76 N.M., R181
33
VLCD/VBAT
34
PB0
VL - TIM1_CH2N
R67
35
PC2
Temperature feedback
R54
36
PC1 or PB9(2)
Curr_fdbk_PhB
R48
37
PC3
BEMF1
R59
38
PC0 or PB8(2)
Curr_fdbk_PhC
R50
Notes:
(1)By default the potentiometer is connected on PA4. For DAC usage remove resistor R181.
(2) Refer to user manual UM1724 Table 9: Solder bridges for further details
Table 4: ST morpho connector
– CN10
Pin
Default
Signal
Solder
Bridge
1
PC9
GPIO_BEMF
R55
2
PC8
3
PB8
4
PC6
5
PB9
6
PC5
BEMF3
R65
7
AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com