Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1996 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1996
Description  Getting started with X-NUCLEO-IHM08M1 low-voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1996 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1996 Datasheet HTML 19Page - STMicroelectronics UM1996 Datasheet HTML 20Page - STMicroelectronics UM1996 Datasheet HTML 21Page - STMicroelectronics UM1996 Datasheet HTML 22Page - STMicroelectronics UM1996 Datasheet HTML 23Page - STMicroelectronics UM1996 Datasheet HTML 24Page - STMicroelectronics UM1996 Datasheet HTML 25Page - STMicroelectronics UM1996 Datasheet HTML 26Page - STMicroelectronics UM1996 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
UM1996
Bill of materials
DocID028716 Rev 2
23/29
Item
Quantity
Reference
Part / Value
Voltage / Watt
/ Ampere
Type /
TECNOLOGY
information
Tol.
57
1
R128
2.7
kΩ
0.1W
SMD
RESISTOR
58
1
R130
47
kΩ
0.1W
SMD
RESISTOR
59
6
R149,R152,
R155,R158,
R164,R167
100
Ω
0.1W
SMD
RESISTOR
60
6
R150,R153,
R156,R159,
R165,R168
56
Ω
0.1W
SMD
RESISTOR
61
1
R180
3.3
kΩ
0.1W
SMD
RESISTOR
62
1
U10
TSV994IPT
Operational
Amplifier
63
1
U4
ST1S14PHR
50V,3A
3A Step down
switching
regulator
64
1
U19
LD1117S50TR
Low Drop
Voltage
Regulator
65
3
U20,U21,U2
2
L6398
600V
High voltage
high and low
side driver
66
4
U23,U24,U2
5,U26
LMV331
3.3V
Low voltage
comparators
67
4
(*) Jumper
Female
2.54mm
jumper
Table 6: BoM (2 of 2)
Item
Package
Manufacturer
Manufacturer’s ordering code /
Orderable Part Number
Additional Notes
1
0603
ANY
ANY
2
0805
TDK
C2012X7R1A475M125AC
3
0603
ANY
ANY
4
0603
ANY
ANY
NOT MOUNTED
5
0603
ANY
ANY
6
0805
ANY
ANY
7
0603
ANY
ANY
8
0603
ANY
ANY
NOT MOUNTED
9
0603
ANY
ANY
10
0603
11
0805
MURATA
GRM21BR61E106KA73L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com