Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1996 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1996
Description  Getting started with X-NUCLEO-IHM08M1 low-voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1996 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1996 Datasheet HTML 21Page - STMicroelectronics UM1996 Datasheet HTML 22Page - STMicroelectronics UM1996 Datasheet HTML 23Page - STMicroelectronics UM1996 Datasheet HTML 24Page - STMicroelectronics UM1996 Datasheet HTML 25Page - STMicroelectronics UM1996 Datasheet HTML 26Page - STMicroelectronics UM1996 Datasheet HTML 27Page - STMicroelectronics UM1996 Datasheet HTML 28Page - STMicroelectronics UM1996 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
UM1996
Bill of materials
DocID028716 Rev 2
25/29
Item
Package
Manufacturer
Manufacturer’s ordering code /
Orderable Part Number
Additional Notes
33
TH
2.54mm
pitch
Samtec
ESQ-110-24-T-S
Alternative:4UCONN
15286 Mounting info:
Female on top, male
on bottom -NOT
MOUNTED
34
TH
2.54mm
pitch
Samtec
ESQ-106-24-T-S
Alternative: 4UCONN
15282 Mounting info:
Female on top, male
on bottom -NOT
MOUNTED
35
SMD
Coilcraft
EPL2010-822MLB
36
PowerFlat
STMicroelectr
onics
37
0603
ANY
ANY
38
0603
ANY
ANY
39
0603
ANY
ANY
40
0603
ANY
ANY
41
0603
ANY
ANY
42
0603
PANASONIC
ERJ3EKF1693V
43
0603
PANASONIC
ERJ3EKF9311V
44
0402
TDK
NTCG103JF103F
45
0603
ANY
ANY
46
0603
ANY
ANY
47
0603
ANY
ANY
48
0603
ANY
ANY
49
0603
ANY
ANY
NOT MOUNTED
50
0603
ANY
ANY
51
0805
ANY
ANY
52
Through
hole
Bourns
3386G-1-104LF
53
2512
KOA Speer
TLR3APDTE10L0F50
54
0603
ANY
ANY
NOT MOUNTED
55
0603
ANY
ANY
56
0603
ANY
ANY
57
0603
ANY
ANY
58
0603
ANY
ANY
59
0603
ANY
ANY
60
0603
ANY
ANY
61
0603
ANY
ANY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com