Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6758A Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 8Page - STMicroelectronics L6758A Datasheet HTML 9Page - STMicroelectronics L6758A Datasheet HTML 10Page - STMicroelectronics L6758A Datasheet HTML 11Page - STMicroelectronics L6758A Datasheet HTML 12Page - STMicroelectronics L6758A Datasheet HTML 13Page - STMicroelectronics L6758A Datasheet HTML 14Page - STMicroelectronics L6758A Datasheet HTML 15Page - STMicroelectronics L6758A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Electrical specifications
L6758A
12/42
DocID023298 Rev 2
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Electrical characteristics
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC12, GDC
to GND
-0.3 to 14
V
VCC, STM, TM, SPWM, PWMx,
SIMAX/IMAX, BOOT/ADDR, SENDRV,
ENDRV,
to GND
-0.3 to 7
V
All other pins
to GND
-0.3 to 3.6
V
Table 5. Electrical characteristics (VCC = 5 V ± 5%, TJ = 0 °C to 70 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current and power-on
I
CC
VCC supply current
EN = high
22
mA
EN = low
15
mA
UVLO
VCC5
VCC turn-ON
VCC rising
4.1
V
VCC turn-OFF
VCC falling
3.0
V
UVLO
VCC12
VCC12 turn-ON
VCC12 rising
6.5
V
VCC12 turn-OFF
VCC12 falling
4.5
V
Oscillator, soft-start and enable
F
SW
Main oscillator accuracy
180
200
220
kHz
Oscillator adjustability
R
OSC
= 30 k
Ω to GND
450
500
550
kHz
F
SSW
Main oscillator accuracy
207
230
253
kHz
Oscillator adjustability
R
SOSC
= 30 k
Ω to GND
493
580
667
kHz
ΔV
OSC
PWM ramp amplitude
1.5
V
FAULT
Voltage at pin SOSC
After any latch
3.0
V
Voltage at pin OSC
After OVP latch
3.0
V
SOFT
START
SS time
VBOOT > 0, from pinstrapping;
multi-phase section
456
mV/
μs
VBOOT > 0, from pinstrapping;
single-phase section
22.5
3
mV/
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com