Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6758A Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 23Page - STMicroelectronics L6758A Datasheet HTML 24Page - STMicroelectronics L6758A Datasheet HTML 25Page - STMicroelectronics L6758A Datasheet HTML 26Page - STMicroelectronics L6758A Datasheet HTML 27Page - STMicroelectronics L6758A Datasheet HTML 28Page - STMicroelectronics L6758A Datasheet HTML 29Page - STMicroelectronics L6758A Datasheet HTML 30Page - STMicroelectronics L6758A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
DocID023298 Rev 2
27/42
L6758A
Output voltage monitoring and protection
42
7
Output voltage monitoring and protection
The L6758A monitors the regulated voltage of both sections through pin VSEN and SVSEN
in order to manage OV and UV. The device shows different thresholds when in different
operative conditions but the behavior in response to a protection event is still the same as
described below.
Protection is active also during soft-start while it is properly masked during DVID transitions
with an additional delay to avoid false triggering.
7.1
Overvoltage
When the voltage sensed by VSEN and/or SVSEN overcomes the OV threshold, the
controller acts in order to protect the load from excessive voltage levels avoiding any
possible undershoot. To reach this target, a special sequence is performed as per the
following list:
–
The reference performs a DVID_Fast transition down to 250 mV on the section
which triggered the OV protection.
–
The PWMs of the section which triggered the protection are switched between HiZ
and zero (ENDRV is kept high) in order to follow the voltage imposed by the
DVID_Fast on-going. This limits the output voltage excursion, protects the load
and assures no undershoot is generated (if V
OUT
< 250 mV, the section is HiZ).
–
The PWMs of the non-involved section are set permanently to HiZ (ENDRV is kept
low) in order to realize a HiZ condition.
–
OSC/ FLT pin is driven high.
–
Power supply or EN pin cycling is required to restart operations.
If the cause of the failure is removed, the converter ends the transition with all PWMs in HiZ
state and the output voltage of the section which triggered the protection lower than 250 mV.
Table 12. L6758A protection at a glance
Section
Multi-phase
Single-phase
Overvoltage (OV)
VSEN, SVSEN = +175 mV above reference.
Action: IC Latch; DVIDFast to 250 mV, LS=ON & PWMx = 0 if required to keep
the regulation to 250 mV; other section: HiZ.
Undervoltage (UV)
VSEN, SVSEN = 500 mV below reference. Active after Ref > 500 mV
Action: IC Latch; both sections HiZ.
Overcurrent (OC)
Current monitor across inductor DCR.
Dual protection, per-phase and average.
Action: UV-Like.
Dynamic VID
Protection masked with additional delay to prevent from false triggering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com