Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6758A Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 15Page - STMicroelectronics L6758A Datasheet HTML 16Page - STMicroelectronics L6758A Datasheet HTML 17Page - STMicroelectronics L6758A Datasheet HTML 18Page - STMicroelectronics L6758A Datasheet HTML 19Page - STMicroelectronics L6758A Datasheet HTML 20Page - STMicroelectronics L6758A Datasheet HTML 21Page - STMicroelectronics L6758A Datasheet HTML 22Page - STMicroelectronics L6758A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
DocID023298 Rev 2
19/42
L6758A
VR12 serial data bus and IC configuration
42
39
82
1.100
1.100
GFX
32
μs
00
47
110
1.000
1.000
GFX
06
10
36
1.000
1.000
GFX
32
μs
00
18
75
0.900
0.900
GFX
06
10
75
0.900
0.900
GFX
32
μs00
10
100
0.000
0.000
GFX
1
μs06
10
Open
0.000V
0.000
GFX
1
μs00
1.
Suggested values, divider must be connected between VCC5 pin and GND.
2.
N is the number of phases programmed for the multi-phase section.
Table 10. Device configuration - single - phase section
Mode (from VBOOT)
VBOOT
DROOP
SIMAX [A]
GFX
See
Table 9
Enabled
25 to 40
VSA
Disabled
5 to 29
Table 11. DPM and TMAX pinstrapping (see Section 9.1)
COMP/SCOMP
DPM threshold set
TMAX [C]
33 k to GND
Set 3
130
17.5 k to GND
Set 2
120
12.5 k to GND
Set 1
110
5.6 k to GND
OFF
100
Table 9. BOOT / ADDR pinstrapping(1) (continued)
R down
[k
Ω]
R up
[k
Ω]
BOOT
ADDR[h](2)
Multi-phase
[V]
Single-phase
[V]
Single-phase
mode
Link-Rest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com