Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6758A Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 20Page - STMicroelectronics L6758A Datasheet HTML 21Page - STMicroelectronics L6758A Datasheet HTML 22Page - STMicroelectronics L6758A Datasheet HTML 23Page - STMicroelectronics L6758A Datasheet HTML 24Page - STMicroelectronics L6758A Datasheet HTML 25Page - STMicroelectronics L6758A Datasheet HTML 26Page - STMicroelectronics L6758A Datasheet HTML 27Page - STMicroelectronics L6758A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Output voltage positioning
L6758A
24/42
DocID023298 Rev 2
The Iout register contains analog-to-digital conversion of the voltage present on the IMON
pin considering the following relationships:
a)
V
MON
=I
MON
⋅
R
IMON ,
where R
IMON
is the resistor connected between IMON and
GND.
b)
IMON=1.24 V corresponds to IMAX. R
IMON
is designed according to this
relationship.
c)
IMON=1.55 V sets the OC protection.
6.5
Single-phase section: current reading
The single-phase section performs the same differential current reading across DCR as the
multi-phase section. According to
Section 6.2, the current that flows from the SCSN pin is
then given by the following equation (see
Figure 6):
Equation 6
6.6
Single-phase section: defining load-line
This method introduces a dependence of the output voltage on the load current recovering
part of the drop due to the output capacitor ESR in the load transient. Introducing a
dependence of the output voltage on the load current, a static error, proportional to the
output current, causes the output voltage to vary according to the sensed current.
Figure 6 shows the current sense circuit used to implement the load-line. The current
flowing across the inductor DCR is read through R
SG
. R
SG
programs a trans-conductance
gain and generates a current I
SDROOP
proportional to the current delivered by the single-
phase section that is then sourced from the SFB pin. R
SFB
gives the final gain to program
the desired load-line slope (
Figure 5).
The output characteristic vs. load current is then given by:
Equation 7
where R
SLL
is the resulting load-line resistance implemented by the single-phase section.
The R
SFB
resistor can be then designed according to the R
SLL
as follows:
Equation 8
I
SCSN
DCR
R
SG
------------- I
SO U T
⋅
I
S DRO OP
==
V
SO U T
=V I D
R
SFB
I
SD RO O P
⋅
–
VID
R
SFB
DC R
R
SG
------------- I
SO U T
⋅⋅
–
VID
R
SL L
I
SO UT
⋅
–
=
R
SFB
R
SLL
R
SG
DC R
-------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com