Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBP9L Datasheet(PDF) 6 Page - STMicroelectronics

Part # LNBP9L
Description  500 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP9L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LNBP9L Datasheet HTML 2Page - STMicroelectronics LNBP9L Datasheet HTML 3Page - STMicroelectronics LNBP9L Datasheet HTML 4Page - STMicroelectronics LNBP9L Datasheet HTML 5Page - STMicroelectronics LNBP9L Datasheet HTML 6Page - STMicroelectronics LNBP9L Datasheet HTML 7Page - STMicroelectronics LNBP9L Datasheet HTML 8Page - STMicroelectronics LNBP9L Datasheet HTML 9Page - STMicroelectronics LNBP9L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical characteristics
LNBP8L - LNBP9L - LNBP10L - LNBP11L
6/21
4
Electrical characteristics
Table 5.
Electrical characteristics
Refer to the typical application circuits in Figure 3 and Figure 4, VCC1 = 16 V, VCC2 = 23 V
(1), EN/VSEL =
LOW, TEN = LLC = LOW, EXTM = FLOATING, IOUT = 50 mA, TJ = 0 °C to 85 °C, unless otherwise stated.
Typical values are referred to TJ = 25 °C
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VCC1
VCC supply input 1
(1)
IOUT = 500 mA, TEN=HIGH,
EN/VSEL=LOW, LLC=LOW
15
25
V
IOUT = 500 mA, TEN=HIGH,
EN/VSEL=LOW, LLC= HIGH
16
25
VCC2
VCC supply input 2
(1)
IOUT = 500 mA, TONE=HIGH,
EN/VSEL=HIGH, LLC=LOW
22
25
V
IOUT = 500 mA, TONE=HIGH,
EN/VSEL=HIGH, LLC= HIGH
23
25
VOUT
Output voltage
IOUT = 500 mA, EN/VSEL=LOW
12.5
13.25
14
V
IOUT = 500 mA, EN/VSEL=HIGH
17
18
19
V
IOUT = 500 mA, EN/VSEL=LOW,
LLC=HIGH (2)
14.25
V
IOUT = 500 mA, EN/VSEL=LLC=HIGH
(2)
19
V
ΔVOUT
Line regulation (1)
VCC1 from 15 V to 18 V, EN/VSEL=LOW
or HIGH
540
mV
ΔVOUT
Load regulation
VCC1 = VCC2 = 22 V, IOUT from 50 mA to
500 mA, EN/VSEL=LOW or HIGH
50
150
mV
IMAX
Output current limiting
550
700
850
mA
FTONE
Tone frequency
TEN=High
20
22
24
kHz
ATONE
Tone amplitude
TEN=High
0.4
0.65
0.9
VPP
DTONE
Tone duty cycle
TEN=High
40
50
60
%
tr, tf
Tone Rise and Fall Time
TEN=High (3)
510
15
µs
GEXTM
External modulation Gain
Δ VOUT/Δ VEXTM, freq. from 10 kHz to 40
kHz
4.5
5.5
6.5
VEXTM
External modulation input
voltage
AC Coupling
400
mVPP
ZEXTM
External modulation
impedance
Freq. from 10 kHz to 40 kHz
400
Ω
VILT
Control input logic LOW
threshold for 3-state pin
EN/VSEL
0.8
1
1.2
V
VIHT
Control input logic HIGH
threshold for 3-state pin
EN/VSEL
1.8
2
2.2
V
IIHT
3-state control pin input
current HIGH
VIHT = 5 V, EN/VSEL
-400
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com