Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBP9L Datasheet(PDF) 9 Page - STMicroelectronics

Part # LNBP9L
Description  500 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP9L Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LNBP9L Datasheet HTML 5Page - STMicroelectronics LNBP9L Datasheet HTML 6Page - STMicroelectronics LNBP9L Datasheet HTML 7Page - STMicroelectronics LNBP9L Datasheet HTML 8Page - STMicroelectronics LNBP9L Datasheet HTML 9Page - STMicroelectronics LNBP9L Datasheet HTML 10Page - STMicroelectronics LNBP9L Datasheet HTML 11Page - STMicroelectronics LNBP9L Datasheet HTML 12Page - STMicroelectronics LNBP9L Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LNBP8L - LNBP9L - LNBP10L - LNBP11L
Detailed description and application hints
9/21
6
Detailed description and application hints
The LNBPxx is made up of several functional blocks (see Figure 1 on page 3), as described
below:
1.
The oscillator is activated by setting the ENT pin (enable tone) = H, and is factory-
trimmed at 22 kHz ± 2 kHz, eliminating the need to use external trimming. The rising
and falling edges are maintained in the 5 to 15 µs range (10 µs typ.), to avoid RF
pollution of the receiver. The duty cycle is 50% typ. It modulates the DC output with a ±
0.325 V typ. amplitude and 0 V average. The presence of this signal usually gives the
LNB information about the band to be received.
2.
The 3-state enable & VOUT selection block, selects the two output voltages or sets the
IC to shutdown mode, depending on the voltage applied on the EN/VSEL pin.
When EN/VSEL is set high (EN/VSEL > 2.2 V), an 18 V output voltage is selected;
when the EN/VSEL is set low (EN/VSEL < 0.8 V), a 13 V output voltage is selected.
If the EN/VSEL pin is left floating (high impedance) or if the pin is set in a range from
1.2 V to 1.8 V (1.5 V typ.), the IC goes into shutdown mode and the output voltage will
be set to 0 V.
This feature changes the LNB polarization type. The LNB switches to horizontal or
vertical polarization depending on the supply voltage it gets from the receiver.
3.
For the DFN package, in order to keep the power dissipation of the device as low as
possible, the input selector automatically selects VCC1; that is, the lowest input voltage,
when 13 V output is selected (i.e. EN/VSEL is low). If the 18 V output is selected (i.e.
EN/VSEL is high), the VCC2 input pin is selected. For example, power dissipation at
IOUT = 350 mA is:
PD = (23 - 18) x 0.35 = 1.75 W
with VCC2 = 23 V (voltage on the VCC2 pin) and VOUT = 18 V, and
PD = (16 - 13) x 0.35 = 1.05 W
with VCC1 = 16 V (voltage on the VCC1 pin) and VOUT = 13 V
For IPPAK package, VCC1 and VCC2 are internally connected and must be supplied from a
single input voltage line (22 V min.) to the VCC pin. In this case the worst case power
dissipation is 13 V output. For example: at IOUT = 350 mA and VCC = 23 V (voltage on the
VCC pin):
PD = (23 - 13) x 0.35 = 3.5 W
4.
The line length compensation function is useful when the antenna is connected to the
receiver by a long coaxial cable that adds a considerable DC voltage drop. When the
LCC pin is H, the output voltage selected is increased by about 1 V. This function is
available for the DFN package only.
5.
The reference drives all the internal blocks that require a high-precision thermally
compensated voltage source.
6.
The LNBPxx has two different protection features, and both turn off the outputs. The
first one protects against overheating (i.e. for TJ ≥ 150 °C), and the second against
overload conditions (i.e. for output current > 550 mA) or short-circuit:
a)
In the thermal protection case the output is disabled until the chip temperature has
fallen below 140 °C typ. and the LNBPxx output is restored.
b)
The overload protection case occurs when output current request is
≥ 500 mA. For
the DFN package only, the IC features dynamic overload and short-circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com