Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBP9L Datasheet(PDF) 8 Page - STMicroelectronics

Part # LNBP9L
Description  500 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP9L Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LNBP9L Datasheet HTML 4Page - STMicroelectronics LNBP9L Datasheet HTML 5Page - STMicroelectronics LNBP9L Datasheet HTML 6Page - STMicroelectronics LNBP9L Datasheet HTML 7Page - STMicroelectronics LNBP9L Datasheet HTML 8Page - STMicroelectronics LNBP9L Datasheet HTML 9Page - STMicroelectronics LNBP9L Datasheet HTML 10Page - STMicroelectronics LNBP9L Datasheet HTML 11Page - STMicroelectronics LNBP9L Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Typical application circuits
LNBP8L - LNBP9L - LNBP10L - LNBP11L
8/21
5
Typical application circuits
Note:
In a single supply configuration with the DFN package, an R1 resistor in the 12-15 Ω range
is recommended to reduce device power dissipation during the 13 V output condition. The
resistor can be omitted, but the power dissipation will increase.
Figure 3.
Single input supply voltage solution for IPPAK package versions
VCC
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1
1N4001
MCU I/Os
23V
LNBP8/9L
C2
220nF
C1
10
µF
LNB OUTPUT
C3
100nF
D2
1N5818
VCC
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1
1N4001
MCU I/Os
23V
LNBP8/9L
C2
220nF
C1
10
µF
LNB OUTPUT
C3
100nF
D2
1N5818
VCC
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1
1N4001
MCU I/Os
23V
LNBP8/9L
C2
220nF
C1
10
µF
LNB OUTPUT
C3
100nF
D2
1N5818
VCC
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1
1N4001
MCU I/Os
23V
LNBP8/9L
C2
220nF
C1
10
µF
LNB OUTPUT
C3
100nF
D2
1N5818
Figure 4.
Dual input supply voltage solution for DFN8 (5 x 6 mm) package versions
VCC1
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1 1N4001
MCU I/Os
16V
LNBP10/11L
C2
220nF
C1
10
µF
C3
100nF
D2
1N5818
LNB OUTPUT
LLC
VCC2
D3 1N4001
23V
C5
220nF
C4
10
µF
CEXT
C6
4.7
µF
VCC1
EN/VSEL (Tristate
OUTPUT
GND
EXTM or TEN
D1 1N4001
MCU I/Os
16V
LNBP10/11L
C2
220nF
C1
10
µF
C3
100nF
D2
1N5818
LNB OUTPUT
LLC
VCC2
D3 1N4001
23V
C5
220nF
C4
10
µF
CEXT
C6
4.7
µF
VCC1
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1 1N4001
MCU I/Os
16V
LNBP10/11L
C2
220nF
C1
10
µF
C3
100nF
D2
1N5818
LNB OUTPUT
LLC
VCC2
D3 1N4001
23V
C5
220nF
C4
10
µF
CEXT
C6
4.7
µF
VCC1
EN/VSEL (Tristate
OUTPUT
GND
EXTM or TEN
D1 1N4001
MCU I/Os
16V
LNBP10/11L
C2
220nF
C1
10
µF
C3
100nF
D2
1N5818
LNB OUTPUT
LLC
VCC2
D3 1N4001
23V
C5
220nF
C4
10
µF
CEXT
C6
4.7
µF
Figure 5.
Single input supply voltage solution for DFN8 (5 x 6 mm) package versions
VCC1
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1
1N4001
MCU I/Os
LNBP10/11L
C2
220nF
C1
10
µF
C3
100nF
D2
1N5818
LNB OUTPUT
LLC
VCC2
23V
C4
220nF
CEXT
C5
4.7
µF
R1
15 Ohm >3W
VCC1
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1
1N4001
MCU I/Os
LNBP10/11L
C2
220nF
C1
10
µF
C3
100nF
D2
1N5818
LNB OUTPUT
LLC
VCC2
23V
C4
220nF
CEXT
C5
4.7
µF
R1
15 Ohm >3W
VCC1
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1
1N4001
MCU I/Os
LNBP10/11L
C2
220nF
C1
10
µF
C3
100nF
D2
1N5818
LNB OUTPUT
LLC
VCC2
23V
C4
220nF
CEXT
C5
4.7
µF
R1
15 Ohm >3W
VCC1
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1
1N4001
MCU I/Os
LNBP10/11L
C2
220nF
C1
10
µF
C3
100nF
D2
1N5818
LNB OUTPUT
LLC
VCC2
23V
C4
220nF
CEXT
C5
4.7
µF
R1
15 Ohm >3W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com