Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBP9L Datasheet(PDF) 1 Page - STMicroelectronics

Part # LNBP9L
Description  500 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP9L Datasheet(HTML) 1 Page - STMicroelectronics

  LNBP9L Datasheet HTML 1Page - STMicroelectronics LNBP9L Datasheet HTML 2Page - STMicroelectronics LNBP9L Datasheet HTML 3Page - STMicroelectronics LNBP9L Datasheet HTML 4Page - STMicroelectronics LNBP9L Datasheet HTML 5Page - STMicroelectronics LNBP9L Datasheet HTML 6Page - STMicroelectronics LNBP9L Datasheet HTML 7Page - STMicroelectronics LNBP9L Datasheet HTML 8Page - STMicroelectronics LNBP9L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Preliminary data
This is preliminary information on a new product in development or undergoing evaluation. Details are subject to change
without notice.
November 2008
Rev 1
1/21
21
LNBP8L - LNBP9L
LNBP10L - LNBP11L
LNB supply and control voltage regulator
Features
■ Simplest integrated solution for LNB remote
supply and control
■ 500 mA guaranteed output current
■ Dual input supply for reducing power
dissipation (DFN package)
■ 3-state function to enable/disable and select
the output voltage level through a single pin
■ Fast oscillator startup for DiSEq™ encoding
(LNBP9L/11L versions)
■ External 22 kHz modulation input pin
(LNBP8L/10L versions)
■ Cable length compensation, LLC pin
(LNBP10L, LNBP11L versions)
■ Short-circuit and over-temperature protection
■ LNB overload and short-circuit dynamic
protection (LNBP10L, LNBP11L versions)
■ Available in DFN8 (5 x 6 mm) and IPPAK
packages
Description
Intended for analog and digital satellite receivers,
the LNBP is a monolithic linear voltage regulator,
assembled in the DFN8 5x6 and IPPAK packages,
specifically designed to provide the powering
voltages and the interfacing signals to the LNB
down-converter. The regulator output can be logic
controlled for 13 V or 18 V (typ.) by means of the
EN/VSEL 3-state pin for remotely controlling the
LNB. When the IC is powered and put in standby
(EN/VSEL pin at high impedance), the regulator
output is disabled. In order to reduce power
dissipation, the LNBP10L/11L versions (on DFN
package) feature 2 supply inputs: VCC1 and VCC2.
These pins must be powered, respectively, at 15
V (min.) and 22 V (min.), and an internal switch
will automatically select the appropriate supply
voltage according to the selected output voltage.
The LNBP8L/9L versions (in the IPPAK package)
have only one supply input pin, which must be
supplied at 22 V (min.). Additionally, the
LNBP10L/11L versions have the LLC pin to
increment the selected output voltage value by 1
V (typ.) to compensate for the excess voltage
drop along the coaxial cable (LLC pin HIGH).
An analog 22 kHz modulation input pin (EXTM) is
available in the LNBP8L and LNBP10L versions.
An appropriate DC blocking capacitor must be
used to couple the modulating signal source to
the EXTM pin. The LNBP10L/11L versions are
also equipped with over-current dynamic
protection: as soon as an overload is detected the
output is shut down for the time TOFF, which is
determined by the capacitor connected between
the CEXT pin and GND. After the time has
elapsed, the output is resumed for a time TON =
(1/12)*TOFF (typ.). If the overload is still present,
the protection circuit will cycle again through TOFF
and TON until the overload is removed. A typical
TON+TOFF value is 1100 ms when a 4.7 µF
external capacitor is used on the CEXT. This
dynamic operation can greatly reduce the power
dissipation in short-circuit condition, while
ensuring excellent power-on startup even with
highly capacitive loads on the LNB outputs.
The device is packaged in the IPPAK for through-
hole mounting and in the DFN8 5x6 for surface
mounting. Both package solutions are offered in
two versions: with ten pins (LNBP9L/11L) to use
with the integrated 22 kHz tone generator, or with
the EXTM pin (LNBP8L/10L) to use external 22
kHz sources. All versions have built-in thermal
protection to prevent overheating damage.
DFN8 (5 x 6 mm)
IPPAK
www.st.com


Similar Part No. - LNBP9L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBP9 STMICROELECTRONICS-LNBP9 Datasheet
129Kb / 8P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
09-Nov-2004
LNBP9 STMICROELECTRONICS-LNBP9 Datasheet
191Kb / 13P
LNB Supply and control voltage regulator
20-Sep-2006
LNBP9K7 STMICROELECTRONICS-LNBP9K7 Datasheet
191Kb / 13P
LNB Supply and control voltage regulator
20-Sep-2006
LNBP9K7-R STMICROELECTRONICS-LNBP9K7-R Datasheet
191Kb / 13P
LNB Supply and control voltage regulator
20-Sep-2006
LNBP9V7V STMICROELECTRONICS-LNBP9V7V Datasheet
129Kb / 8P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
09-Nov-2004
More results

Similar Description - LNBP9L

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8845 A-POWER-APE8845 Datasheet
239Kb / 7P
Guaranteed 600mA Output Current
logo
Exar Corporation
SPX29302T5-L EXAR-SPX29302T5-L Datasheet
648Kb / 10P
3A Guaranteed Output Current
logo
Texas Instruments
LP2989IM-3.3 TI-LP2989IM-3.3 Datasheet
1Mb / 19P
Ultra low dropout voltage, Guaranteed 500 mA continuous output current
logo
Advanced Power Electron...
APE8862 A-POWER-APE8862_14 Datasheet
516Kb / 9P
Guaranteed 600mA Output Current
logo
IK Semicon Co., Ltd
ILX232 IKSEMICON-ILX232 Datasheet
384Kb / 7P
Output current 24 mA
logo
Unisonic Technologies
LR18220G-XX-S08-R UTC-LR18220G-XX-S08-R Datasheet
162Kb / 4P
Guaranteed Output Current of 2A
logo
STMicroelectronics
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
150 mA guaranteed output current
16-Jan-2014
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
150 mA guaranteed output current
14-Jan-2015
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
Guaranteed 30mA Output
1992
logo
Texas Instruments
THS3491 TI-THS3491_V01 Datasheet
3Mb / 53P
THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com