Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560P40L3 Datasheet(PDF) 82 Page - STMicroelectronics

Part # SPC560P40L3
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P40L3 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button SPC560P40L3 Datasheet HTML 78Page - STMicroelectronics SPC560P40L3 Datasheet HTML 79Page - STMicroelectronics SPC560P40L3 Datasheet HTML 80Page - STMicroelectronics SPC560P40L3 Datasheet HTML 81Page - STMicroelectronics SPC560P40L3 Datasheet HTML 82Page - STMicroelectronics SPC560P40L3 Datasheet HTML 83Page - STMicroelectronics SPC560P40L3 Datasheet HTML 84Page - STMicroelectronics SPC560P40L3 Datasheet HTML 85Page - STMicroelectronics SPC560P40L3 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 103 page
background image
Electrical characteristics
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
82/103
Doc ID 16100 Rev 7
Figure 24.
JTAG boundary scan timing
3.17.3
Nexus timing
TCK
Output
Signals
Input
Signals
Output
Signals
11
12
13
14
15
Table 39.
Nexus debug port timing(1)
No.
Symbol
C
Parameter
Value
Unit
Min
Typ
Max
1tTCYC
CC
D TCK cycle time
4(2)
——
tCYC
2
tNTDIS
CC
D TDI data setup time
5
—
—
ns
tNTMSS
CC
D TMS data setup time
5
—
—
ns
3
tNTDIH
CC
D TDI data hold time
25
—
—
ns
tNTMSH
CC
D TMS data hold time
25
—
—
ns
4tTDOV
CC
D TCK low to TDO data valid
10
—
20
ns
5tTDOI
CC
D TCK low to TDO data invalid
—
—
—
ns
1.
All Nexus timing relative to MCKO is measured from 50% of MCKO and 50% of the respective signal.
2.
Lower frequency is required to be fully compliant to standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com